Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4936 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4936
Description  Stereo 2W Audio Power Amplifiers with Volume Control and Selectable Control Interface (SPI or I2C)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4936 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM4936 Datasheet HTML 17Page - National Semiconductor (TI) LM4936 Datasheet HTML 18Page - National Semiconductor (TI) LM4936 Datasheet HTML 19Page - National Semiconductor (TI) LM4936 Datasheet HTML 20Page - National Semiconductor (TI) LM4936 Datasheet HTML 21Page - National Semiconductor (TI) LM4936 Datasheet HTML 22Page - National Semiconductor (TI) LM4936 Datasheet HTML 23Page - National Semiconductor (TI) LM4936 Datasheet HTML 24Page - National Semiconductor (TI) LM4936 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Application Information (Continued)
voltage applied to the HP SENSE pin at approximately
50mV. This 50mV puts the LM4936 into bridged mode op-
eration. The output coupling capacitor blocks the amplifier’s
half supply DC voltage, protecting the headphones.
The HP SENSE threshold is set so the output signal cannot
cause an output mode change. While the LM4936 operates
in bridge mode, the DC potential across the load is essen-
tially 0V. Connecting headphones to the headphone jack
disconnects the headphone jack contact pin from R2 and
allows R1 to pull the HP SENSE pin up to V
DD through R4.
This enables the headphone function and mutes the bridged
speaker. The single-ended ’-’ outputs then drive the head-
phones, whose impedance is in parallel with resistors R2
and R3. These resistors have negligible effect on the
LM4936’s output drive capability since the typical impedance
of headphones is 32
Ω.
Figure 3 also shows the suggested headphone jack electri-
cal connections. The jack is designed to mate with a three-
wire plug. The plug’s tip and ring should each carry one of
the two stereo output signals, whereas the sleeve should
carry the ground return. A headphone jack with one control
pin contact is sufficient to drive the HP-IN pin when connect-
ing headphones.
GAIN SELECT FUNCTION (Bass Boost)
The LM4936 features selectable gain, using either internal or
external feedback resistors. The GAIN SEL bit (B3) controls
which gain is selected. Loading a digital 0 into the GAIN SEL
bit sets the gain to internal resulting in a gain of 6dB for BTL
mode or unity for singled-ended mode. Loading a digital 1
into the GAIN SEL bit sets the gain to be determined by the
external resistors, R
I and RF.
In some cases a designer may want to improve the low
frequency response of the bridged amplifier or incorporate a
bass boost feature. This bass boost can be useful in systems
where speakers are housed in small enclosures. A resistor,
R
BS, and a capacitor, CBS, in parallel, can be placed in series
with the feedback resistor of the bridged amplifier as seen in
Figure 2.
At low, frequencies C
BS is a virtual open circuit and at high
frequencies, its nearly zero ohm impedance shorts R
BS. The
result is increased bridge-amplifier gain at low frequencies.
The combination of R
BS and CBS form a -6dB corner fre-
quency at
f
C = 1/(2
πR
BSCBS)
(9)
The bridged-amplifier low frequency differential gain is:
A
VD = 2(RF +RBS)/Ri
(10)
Using the component values shown in Figure 2 (R
F = 20k
Ω,
R
BS = 20k
Ω, and C
BS = 0.068µF), a first-order, -6dB pole is
created at 120Hz. Assuming R
i = 20k
Ω, the low frequency
differential gain is 4V/V or 12dB. The input (C
i) and output
(C
OUT) capacitor values must be selected for a low fre-
quency response that covers the range of frequencies af-
fected by the desired bass-boost operation.
VOLUME CONTROL
The LM4936 has an internal stereo volume control whose
setting is a function of the digital values in the V4 – V0 bits.
See Table 4.
The LM4936 volume control consists of 31 steps that are
individually selected. The range of the steps, are from 0dB -
78dB. The gain levels are 1dB/step from 0dB to -6dB, 2dB/
step from -6dB to -36dB, 3dB/step from -36dB to -47dB,
4dB/step from -47dB to -51dB, 5dB/step from -51dB to
-66dB, and 12dB to the last step at -78dB.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com