Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSAL200 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSAL200
Description  Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSAL200 Datasheet(HTML) 4 Page - ON Semiconductor

  FSAL200 Datasheet HTML 1Page - ON Semiconductor FSAL200 Datasheet HTML 2Page - ON Semiconductor FSAL200 Datasheet HTML 3Page - ON Semiconductor FSAL200 Datasheet HTML 4Page - ON Semiconductor FSAL200 Datasheet HTML 5Page - ON Semiconductor FSAL200 Datasheet HTML 6Page - ON Semiconductor FSAL200 Datasheet HTML 7Page - ON Semiconductor FSAL200 Datasheet HTML 8Page - ON Semiconductor FSAL200 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSAL200 Rev. 1.7.1
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
7.0
V
VSW
DC Switch Voltage
(1)
-0.5
0.5
V
VIN
DC Input Voltage
(1)
-0.5
7.0
V
IIK
DC Input Diode Current at (IIK) VIN < 0V
-50
mA
IOUT
DC Output Current
120
mA
ICC/IGND
DC VCC or Ground Current
±100
mA
PD
Power Dissipation at 85°C
0.5
W
TSTG
Storage Temperature Range
-65
+150
°C
TA
Ambient Temperature with Power Applied
-40
+85
°C
Note:
1.
Input and output negative ratings may be exceeded if input and output diode current ratings are observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
3.0
5.5
V
VIN
Control Input Voltage
(2)
0
VCC
V
VSW
Switch Input Voltage
VCC
V
VOUT
Output Voltage
VCC
V
TA
Operating Temperature
-40
+85
°C
Control Input VCC=2.3V -3.6V
0
10
tr,tf
Input Rise and Fall Time
Control Input VCC=4.5V -5.5V
0
5
ns/V
θ
JA
Thermal Resistance in Still Sir
°C/W
Note:
2.
Control input must be held HIGH or LOW and it must not float.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com