Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSAL200MTC Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSAL200MTC
Description  Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSAL200MTC Datasheet(HTML) 2 Page - ON Semiconductor

  FSAL200MTC Datasheet HTML 1Page - ON Semiconductor FSAL200MTC Datasheet HTML 2Page - ON Semiconductor FSAL200MTC Datasheet HTML 3Page - ON Semiconductor FSAL200MTC Datasheet HTML 4Page - ON Semiconductor FSAL200MTC Datasheet HTML 5Page - ON Semiconductor FSAL200MTC Datasheet HTML 6Page - ON Semiconductor FSAL200MTC Datasheet HTML 7Page - ON Semiconductor FSAL200MTC Datasheet HTML 8Page - ON Semiconductor FSAL200MTC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
October 2007
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSAL200 Rev. 1.7.1
FSAL200 — Wide Bandwidth Quad 2:1 Analog
Multiplexer / De-multiplexer Switch
Features
Typical 6
Ω Switch Connection Between Two Ports
Minimal Propagation Delay Through the Switch
Low ICC
Zero Bounce in Flow-Through Mode
Control Inputs Compatible with TTL Level
Rail-to-Rail Signal Handling
Route Communications Signals Include:
-
10/100 Ethernet
-
100VG—AnyLAN
-
ATM25
-
SONET OCI 51.8Mbps
-
USB1.1
-
T1/E1
-
Token Ring 4/16Mbps
Description
The Fairchild Switch FSAL200 is a rail-to-rail quad 2:1
high-speed CMOS TTL-compatible analog multiplexer /
de-multiplexer switch. The low on resistance of the
switch allows inputs to be connected to outputs without
adding propagation delay or generating additional
ground bounce noise.
When OE is low, the select pin connects the A Port to
the selected B Port output. When OE is high, the switch
is open and a high-impedance state exists between the
two ports.
Ordering Information
Part Number
Package Description
Packing
Method
FSAL200MTC
16-Lead Thin Shrink Small Outline Package(TSSOP), JEDEC MO-153, 4.4mm Wide
Rails
FSAL200MTCX
16-Lead Thin Shrink Small Outline Package(TSSOP), JEDEC MO-153, 4.4mm Wide
Tape and
Reel
FSAL200QSC
16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
Rails
FSAL200QSCX
16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
Tape and
Reel
All packages are Pb-free per JEDEC standard J-SDD-020B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com