Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSAV430 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSAV430
Description  Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSAV430 Datasheet(HTML) 2 Page - ON Semiconductor

  FSAV430 Datasheet HTML 1Page - ON Semiconductor FSAV430 Datasheet HTML 2Page - ON Semiconductor FSAV430 Datasheet HTML 3Page - ON Semiconductor FSAV430 Datasheet HTML 4Page - ON Semiconductor FSAV430 Datasheet HTML 5Page - ON Semiconductor FSAV430 Datasheet HTML 6Page - ON Semiconductor FSAV430 Datasheet HTML 7Page - ON Semiconductor FSAV430 Datasheet HTML 8Page - ON Semiconductor FSAV430 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
January 2011
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSAV430 • Rev. 1.02
FSAV430
Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
Features
-40dB Off Isolation at 30MHz
-60dB Non-Adjacent Channel Crosstalk at 30MHz
3dB Bandwidth: 1.1GHz
On Resistance: 4.5 (Typical)
Low Power Consumption: 1µA (Maximum)
Control Input TTL Compatible
Bidirectional Operation
Applications
RGB Video Switch in LCD, Plasma and Projector
Displays
DVD-RW
Description
The FSAV430 is a high performance Quad Single-Pole,
Double
Throw
(SPDT)
(2-to-1
multiplexer
/
demultiplexer) video switch designed specifically for
switching high definition YPbPr and computer RGB (up
to UXGA) signals. The bandwidth of this device is
1.1GHz (typical) which allows signals to pass with
minimal edge and phase distortion. Image integrity is
maintained with low crosstalk, high off-isolation and low
differential gain and phase. The low on resistance (4.5
typical) minimizes signal insertion loss. Low voltage
operation (3V), low power consumption (1µA maximum)
and small scale packaging make this device ideal for a
broad range of applications.
Ordering Information
Part Number
Operating
Temperature Range
Package
Packing
Method
FSAV430MTCX
-40 to +85°C
16-Lead, Thin Shrink Small Outline Package
(TSSOP), JEDEC MO-153, 4.4mm Wide
Tape and Reel
FSAV430QSCX
-40 to +85°C
16-Lead, Quarter Size Outline Package (QSOP),
JEDEC MO-137, 0.150 inch Wide
Tape and Reel
Figure 1. Typical Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com