Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSAL200QSCX Datasheet(PDF) 5 Page - ON Semiconductor

Part # FSAL200QSCX
Description  Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSAL200QSCX Datasheet(HTML) 5 Page - ON Semiconductor

  FSAL200QSCX Datasheet HTML 1Page - ON Semiconductor FSAL200QSCX Datasheet HTML 2Page - ON Semiconductor FSAL200QSCX Datasheet HTML 3Page - ON Semiconductor FSAL200QSCX Datasheet HTML 4Page - ON Semiconductor FSAL200QSCX Datasheet HTML 5Page - ON Semiconductor FSAL200QSCX Datasheet HTML 6Page - ON Semiconductor FSAL200QSCX Datasheet HTML 7Page - ON Semiconductor FSAL200QSCX Datasheet HTML 8Page - ON Semiconductor FSAL200QSCX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSAL200 Rev. 1.7.1
4
DC Electrical Characteristics
Typical values are at 25°C unless otherwise specified.
TA=-40°C to +85°C
Symbol
Parameter
Conditions
VCC(V)
Min.
Typ.
Max.
Units
4.5 to 5.5
2.0
VIH
Input Voltage High
3.0 to 3.6
2.0
V
4.5 to 5.5
-0.5
0.8
VIL
Input Voltage Low
3.0 to 3.6
-0.5
0.8
V
IOZ
Off State Leakage Current
0
≤ V
IN ≤ 5.5V
0 to 5.5
100
µA
ION=10 -30mA
4.5 to 5.5
6
12
RON
Switch On Resistance
(3)
ION=10 -30mA
3.0 to 3.6
15
22
Ω
VIN=VCC or GND
5.5
±1
IIN
Control Input Leakage
VIN=VCC or GND
3.6
±1
µA
ICC
Quiescent Supply Current,
All Channels Off
VIN=VCC or GND, IOUT=0
5.5
1
µA
Analog Signal Range
VCC
0
VCC
V
IA=-30 mA, VBN=3.15
4.5 to 5.5
0.4
2.0
ΔR
ON
On Resistance Matching
Between Channels
(3)(4)
IA=-10 mA, VBN=2.1
3.0 to 3.6
1.0
3.0
Ω
4.5 to 5.5
100
IO
Output Current
Bn, Bn, S-0V to 5V
3.0 to 3.6
80
m
Α
A1, B1, B2=0V to 5V
4.5 to 5.5
3
RFLAT(ON)
On Resistance Flatness
(3)(5)
A1, B1, B2=0V to 5V
3.0 to 3.6
7
Ω
Notes:
3.
Measured by the voltage drop between the A and B pins at the indicated current through the switch. On
resistance is determined by the lower of the voltages on the two (A or B ports).
4.
ΔR
ON = RON maximum – RON minimum measured at identical VCC, temperature, and voltage levels.
5.
Flatness is defined as the difference between the maximum and minimum value of on resistance over the
specified range of conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com