Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSHDMI08 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSHDMI08
Description  Low-Voltage, Wide-Bandwidth, HDMI Switch with DDC and CEC Multiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSHDMI08 Datasheet(HTML) 2 Page - ON Semiconductor

  FSHDMI08 Datasheet HTML 1Page - ON Semiconductor FSHDMI08 Datasheet HTML 2Page - ON Semiconductor FSHDMI08 Datasheet HTML 3Page - ON Semiconductor FSHDMI08 Datasheet HTML 4Page - ON Semiconductor FSHDMI08 Datasheet HTML 5Page - ON Semiconductor FSHDMI08 Datasheet HTML 6Page - ON Semiconductor FSHDMI08 Datasheet HTML 7Page - ON Semiconductor FSHDMI08 Datasheet HTML 8Page - ON Semiconductor FSHDMI08 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
August 2009
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSHDMI08 Rev. 1.0.4
Click here for this datasheet
translated into Chinese!
FSHDMI08 — Low-Voltage, Wide-Bandwidth,
HDMI Switch with DDC and CEC Multiplexer
Features
-25db Non-Adjacent Channel Crosstalk at 1.65Gbps
Low Signal Loss: -1.5dBg attenuation at 1.65Gbps
Isolation Ground Between Channels
Fast Turn-on/off Time (< 6ns)
1.65Gbps Throughput
8kV ESD Protection
Low Skew: Intra-pair <90ps, Inter-pair < 150ps
Low Power Consumption: 1µA Maximum
Applications
XGA and 720p DVI and HDMI Video Source Selection
Description
The FSHDMI08 is a wide-bandwidth switch designed for
routing HDMI link data, clock, and the relevant DDC and
CEC control signals that support the data rate up to
1.65Gbps
per
channel
for
UXGA
resolution.
Applications include LCD TVs, DVD, set-top boxes, and
notebook designs with multiple digital video interfaces.
This switch allows the passage of HDMI link signals
with ultra-low non-adjacent channel crosstalk and ultra-
low off isolation. This is critical to minimize ghost
images
between
active
video
sources
in
video
applications. The wide bandwidth of this switch allows
the high-speed differential signal to pass through with
minimal additive skew and phase jitter. The pinout
supports an HDMI standard-A connector PCB layout.
IMPORTANT NOTE:
For
additional
information,
please
contact
analogswitch@fairchildsemi.com.
Ordering Information
Order Number
Eco Status
Package Description
Packing Method
FSHDMI08MTDX
RoHS
56-Lead, Thin Shrink Small Outline Package (TSSOP),
JEDEC MO-153, 6.1mm Wide
Tape and Reel
For Fairchild’s definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
Primary HDMI
Source
Secondary HDMI
Source
Primary Source
DDC &
CEC
Secondary Source
DDC &
CEC
TMDS Channels
Control Channels
Primary HDMI
Source
Secondary HDMI
Source
Primary Source
DDC &
CEC
Secondary Source
DDC &
CEC
TMDS Channels
Control Channels
Figure 1. Single-Link HDMI Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com