Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST3253M Datasheet(PDF) 2 Page - ON Semiconductor

Part # FST3253M
Description  Dual 4:1 Multiplexer/Demultiplexer Bus Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FST3253M Datasheet(HTML) 2 Page - ON Semiconductor

  FST3253M Datasheet HTML 1Page - ON Semiconductor FST3253M Datasheet HTML 2Page - ON Semiconductor FST3253M Datasheet HTML 3Page - ON Semiconductor FST3253M Datasheet HTML 4Page - ON Semiconductor FST3253M Datasheet HTML 5Page - ON Semiconductor FST3253M Datasheet HTML 6Page - ON Semiconductor FST3253M Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 1999 Fairchild Semiconductor Corporation
DS500058
www.fairchildsemi.com
September 1997
Revised December 1999
FST3253
Dual 4:1 Multiplexer/Demultiplexer Bus Switch
General Description
The Fairchild Switch FST3253 is a dual 4:1 high-speed
CMOS
TTL-compatible
multiplexer/demultiplexer
bus
switch. The low on resistance of the switch allows inputs to
be connected to outputs without adding propagation delay
or generating additional ground bounce noise.
When OE is LOW, S0 and S1 connect the A Port to the
selected B Port output. When OE is HIGH, the switch is
OPEN and a high-impedance state exists between the two
ports.
Features
■ 4
Ω switch connection between two ports.
■ Minimal propagation delay through the switch.
■ Low lCC.
■ Zero bounce in flow-through mode.
■ Control inputs compatible with TTL level.
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Diagram
Pin Descriptions
Connection Diagram
Truth Table
Order Number
Package Number
Package Description
FST3253M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
FST3253QSC
MQA16
16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150 Wide
FST3253MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Name
Description
OE1, OE2
Bus Switch Enables
S0, S1
Select Inputs
ABus A
B1, B2, B3, B4
Bus B
S1
S0
OE1
OE2
Function
X
X
H
X
Disconnect 1A
X
X
X
H
Disconnect 2A
L
LLL
A
= B
1
LH
L
L
A
= B
2
H
LLL
A
= B
3
HH
L
L
A
= B
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com