Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST16233 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FST16233
Description  16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FST16233 Datasheet(HTML) 2 Page - ON Semiconductor

  FST16233 Datasheet HTML 1Page - ON Semiconductor FST16233 Datasheet HTML 2Page - ON Semiconductor FST16233 Datasheet HTML 3Page - ON Semiconductor FST16233 Datasheet HTML 4Page - ON Semiconductor FST16233 Datasheet HTML 5Page - ON Semiconductor FST16233 Datasheet HTML 6Page - ON Semiconductor FST16233 Datasheet HTML 7Page - ON Semiconductor FST16233 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2000 Fairchild Semiconductor Corporation
DS500055
www.fairchildsemi.com
September 1997
Revised November 2000
FST16233
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
General Description
The Fairchild Switch FST16233 is a 16-bit to 32-bit high-
speed CMOS TTL-compatible multiplexer/demultiplexer
bus switch. The low on resistance of the switch allows
inputs to be connected to outputs without adding propaga-
tion delay or generating additional ground bounce noise.
The device can be used in applications where two buses
need to be addressed simultaneously. The FST16233 can
be used as two 8-bit to 16-bit multiplexers or as one 16-bit
to 32-bit multiplexer.
Two select (S1, S0) and two test (TEST0, TEST1) inputs
provide switch enable and multiplexer select control.
The FST16233 is designed to prevent through-current
when switching buses.
Features
■ 4
Ω switch connection between two ports.
■ Minimal propagation delay through the switch.
■ Low lCC.
■ Zero bounce in flow-through mode.
■ Control inputs compatible with TTL level.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Diagram
Order Number
Package Number
Package Description
FST16233MEA
MS56A
56-Lead Shrink Small Outline Package (SSOP), JEDEC MO-118, 0.300 Wide
FST16233MTD
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com