Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8530 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 8530
Description  Low Skew, 1-to16, Differential-to-2.5V LVPECL Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8530 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 8530 Datasheet HTML 4Page - Integrated Device Technology 8530 Datasheet HTML 5Page - Integrated Device Technology 8530 Datasheet HTML 6Page - Integrated Device Technology 8530 Datasheet HTML 7Page - Integrated Device Technology 8530 Datasheet HTML 8Page - Integrated Device Technology 8530 Datasheet HTML 9Page - Integrated Device Technology 8530 Datasheet HTML 10Page - Integrated Device Technology 8530 Datasheet HTML 11Page - Integrated Device Technology 8530 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REVISION G 06/26/15
8
LOW SKEW, 1-TO16, DIFFERENTIAL-TO-2.5V LVPECL FANOUT
BUFFER
8530 DATA SHEET
Differential Clock Input Interface
The CLK /nCLK accepts LVDS, LVPECL, LVHSTL, SSTL, HCSL and
other differential signals. Both V
SWING and VOH must meet the VPP and
VCMR input requirements. Figures 2A to 2F show interface examples
for the CLK/nCLK input driven by the most common driver types. The
input interfaces suggested here are examples only. Please consult
with the vendor of the driver component to confirm the driver
termination requirements. For example in Figure 2A, the input
termination applies for IDT LVHSTL drivers. If you are using an
LVHSTL driver from another vendor, use their termination
recommendation.
Figure 2A. CLK/nCLK Input
Driven by an IDT LVHSTL Driver
Figure 2C. CLK/nCLK Input
Driven by a 3.3V LVPECL Driver
Figure 2E. CLK/nCLK Input
Driven by a 3.3V HCSL Driver
Figure 2B. CLK/nCLK Input
Driven by a 3.3V LVPECL Driver
Figure 2D. CLK/nCLK Input
Driven by a 3.3V LVDS Driver
Figure 2F. CLK/nCLK Input Driven by a 2.5V SSTL Driver
R1
50Ω
R2
50Ω
1.8V
Zo = 50Ω
Zo = 50Ω
CLK
nCLK
3.3V
LVHSTL
IDT
LVHSTL Driver
Differential
Input
HCSL
*R3
*R4
CLK
nCLK
3.3V
3.3V
Differential
Input
CLK
nCLK
Differential
Input
SSTL
2.5V
Zo = 60Ω
Zo = 60Ω
2.5V
3.3V
R1
120Ω
R2
120Ω
R3
120Ω
R4
120Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com