Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA644 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSA644
Description  2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA644 Datasheet(HTML) 4 Page - ON Semiconductor

  FSA644 Datasheet HTML 1Page - ON Semiconductor FSA644 Datasheet HTML 2Page - ON Semiconductor FSA644 Datasheet HTML 3Page - ON Semiconductor FSA644 Datasheet HTML 4Page - ON Semiconductor FSA644 Datasheet HTML 5Page - ON Semiconductor FSA644 Datasheet HTML 6Page - ON Semiconductor FSA644 Datasheet HTML 7Page - ON Semiconductor FSA644 Datasheet HTML 8Page - ON Semiconductor FSA644 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
© 2011 Fairchild Semiconductor Corporation
FSA644 • Rev.
2
3
Pin Definitions
D2N
CLKN
/OE
D3P
D3N
CLKBN
CLKBP
D4N
D4P
DB4P
DB3P
DB1N
DB1P
DB4N
DB3N
DB2N
DB2P
CLKAP
DA1P
DA2P
DA2N
D1N
CLKP
CLKAN
DA1N
DA3P
DA3N
D2P
D1P
SEL
VCC
DA4P
DA4N
A
B
C
D
E
F
1
2
3
4
5
6
GND
NC
NC
Figure 3. Top Through View
Table 1. Ball-to-Pin Mappings
Ball
Pin Name
A1
CLKN
A2
CLKP
A3
CLKAP
A4
DA1P
A5
DA2P
A6
DA2N
B1
D1N
B2
D1P
B3
CLKAN
B4
DA1N
B5
DA3P
B6
DA3N
C1
D2N
C2
D2P
C3
NC
C4
VCC
C5
DA4P
C6
DA4N
D1
D3N
D2
D3P
D3
GND
D4
NC
D5
CLKBN
D6
CLKBP
E1
D4N
E2
D4P
E3
DB4P
E4
DB3P
E5
DB1N
E6
DB1P
F1
/OE
F2
SEL
F3
DB4N
F4
DB3N
F5
DB2N
F6
DB2P
Truth Table
SEL
/OE
Function
LOW
LOW
CLKP=CLKAP, CLKN=CLKAN, Dn(P/N)=DAn(P/N)
HIGH
LOW
CLKP=CLKBP, CLKN=CLKBN, Dn(P/N)=DBn(P/N)
X
HIGH
DAn(P/N), DBn(P/N) Data Ports High Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com