Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA646 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSA646
Description  2:1 MIPI D-PHY 4-Data Lane Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA646 Datasheet(HTML) 4 Page - ON Semiconductor

  FSA646 Datasheet HTML 1Page - ON Semiconductor FSA646 Datasheet HTML 2Page - ON Semiconductor FSA646 Datasheet HTML 3Page - ON Semiconductor FSA646 Datasheet HTML 4Page - ON Semiconductor FSA646 Datasheet HTML 5Page - ON Semiconductor FSA646 Datasheet HTML 6Page - ON Semiconductor FSA646 Datasheet HTML 7Page - ON Semiconductor FSA646 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FSA646
www.onsemi.com
4
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
−0.5
6.0
V
VCNTRL
DC Input Voltage (/OE, SEL)
(Note 1)
−0.5
VCC
V
VSW
DC Switch I/O Voltage
(Note 1,2)
−0.3
1.8
V
IIK
DC Input Diode Current
−50
mA
IOUT
DC Output Current
25
mA
TSTG
Storage Temperature
−65
+150
°C
ESD
Human Body Model, JEDEC: JESD22−A114
All Pins
2.0
kV
Charged Device Model, JEDEC: JESD22−C101
1.0
IEC 61000−4−2 System
Contact
8.0
Air Gap
15.0
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The input and output negative ratings may be exceeded if the input and output diode current ratings are observed.
2. VSW refers to analog data switch paths.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
1.5
5.0
V
VCNTRL
Control Input Voltage (SEL, /OE)
(Note 3)
0
VCC
V
VSW
Switch I/O Voltage
(CLKn, Dn, CLKAn, CLKBn, Dan, DBn)
−HS Mode
0
0.3
V
−LS Mode
0
1.3
V
TA
Operating Temperature
−40
+85
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
3. The control inputs must be held HIGH or LOW; they must no float.
DC AND TRANSIENT CHARACTERISTICS (TA = 25°C unless otherwise specified)
Symbol
Parameter
Conditions
VCC (V)
TA = −40 to +855C
Unit
Min.
Typ.
Max.
VIK
Clamp Diode Voltage
(/OE, SEL)
IIN = −18 mA
1.5
−1.2
−0.6
V
VIH
Input Voltage High
SEL, /OE
1.5 to 5
1.3
V
VIL
Input Voltage Low
SEL, /OE
1.5 to 5
0.5
V
IIN
Control Input Leakage
(/OE, SEL)
VCNTRL = 0 to VCC
5
−0.5
0.5
mA
INO(OFF)
INC(OFF)
Off Leakage Current of
Port CLKAn, Dan, CLKBn
and DBn
VSW = 0.0 ≤ DATA ≤ 1.3 V
5
−0.5
0.5
mA
IA(ON)
ON Leakage Current of
Common Ports (CLKn,
Dn)
VSW = 0.0 ≤ DATA ≤ 1.3 V
5
−0.5
0.5
mA
IOFF
Power−Off Leakage
Current (All I/O Ports)
VSW = 0.0 or 1.3 V
0
−0.5
0.5
mA
IOZ
Off−State Leakage
VSW = 0.0 ≤ DATA ≤ 1.3 V
/OE = High
5
−0.5
0.5
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com