Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA806 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSA806
Description  Audio Switch with Negative Signal Capability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA806 Datasheet(HTML) 4 Page - ON Semiconductor

  FSA806 Datasheet HTML 1Page - ON Semiconductor FSA806 Datasheet HTML 2Page - ON Semiconductor FSA806 Datasheet HTML 3Page - ON Semiconductor FSA806 Datasheet HTML 4Page - ON Semiconductor FSA806 Datasheet HTML 5Page - ON Semiconductor FSA806 Datasheet HTML 6Page - ON Semiconductor FSA806 Datasheet HTML 7Page - ON Semiconductor FSA806 Datasheet HTML 8Page - ON Semiconductor FSA806 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA806 • Rev. 1.0.1
3
Mode Descriptions
The
FSA806
select
pins
control
the
switching
operations, SEL[0] and SEL[1] described in Table 1
Table 1.
Selection Truth Table
SEL[1]
SEL[0]
Switch Action
Description
0
0
OPEN
Open all switch paths (device in low-power mode)
0
1
USB1, UART
Closes USB1 path to D+/D-, default condition
(1)
- DP_CON connected to DP_HOST1
- DM_CON connected to DM_HOST1
1
0
USB2, UART
Closes USB2 path to D+/D-
- DP_CON connected to DP_HOST2
- DM_CON connected to DM_HOST2
1
1
AUDIO
Closes audio path to D+/D- only
- DP_CON connected to R_HOST
- DM_CON connected to L_HOST
Notes:
1.
The SELECT pins are CMOS inputs and should not be left in a floating condition. Some applications require a
UART path be in the CLOSED position on power-up for initial programming of the device under test. If that
condition is desired, the two SELECT pins should be pulled to the correct levels with external resistors that
should exceed 100KΩ to reduce the static power consumption. In other applications, adding weak pull-down
resistors to GND defaults the device to all paths open (low-power mode).
2.
When the audio switch is in the OPEN position, the R and L are terminated to GND with internal termination
resistors to discharge any stray capacitance that could cause audio pop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com