Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA832 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSA832
Description  USB 2.0 High-Speed Charger Detection IC with Isolation Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA832 Datasheet(HTML) 4 Page - ON Semiconductor

  FSA832 Datasheet HTML 1Page - ON Semiconductor FSA832 Datasheet HTML 2Page - ON Semiconductor FSA832 Datasheet HTML 3Page - ON Semiconductor FSA832 Datasheet HTML 4Page - ON Semiconductor FSA832 Datasheet HTML 5Page - ON Semiconductor FSA832 Datasheet HTML 6Page - ON Semiconductor FSA832 Datasheet HTML 7Page - ON Semiconductor FSA832 Datasheet HTML 8Page - ON Semiconductor FSA832 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA832 • Rev. 1.0.1
3
Table 1.
Functionality
Device Detected
GOOD_
BAT
SW_OP
EN
CHG_
AL_N
CHG_
DET
DP_HOST
DM_HOST
DP_CON DM_CON
DCP
X
Hi-Z
LOW
HIGH
Hi-Z
Hi-Z
VDP_SRC
(2)
Hi-Z
(2)
Proprietary Charger
X
Hi-Z
LOW
HIGH
Hi-Z
Hi-Z
Hi-Z
Hi-Z
CDP
HIGH
LOW
LOW
HIGH
DP_CON
DM_CON
DP_HOST DM_HOST
CDP
LOW
Hi-Z
LOW
HIGH
Hi-Z
Hi-Z
VDP_SRC
Hi-Z
PS/2 Ports
(3)
X
Hi-Z
LOW
LOW
Hi-Z
Hi-Z
Hi-Z
Hi-Z
SDP
HIGH
LOW
LOW
LOW
DP_CON
DM_CON
DP_HOST DM_HOST
SDP
LOW
Hi-Z
LOW
LOW
Hi-Z
Hi-Z
VDP_SRC
Hi-Z
SDP, CDP, or DCP plugged
in and after 30-minute timer
expires
LOW
Hi-Z
Hi-Z
LOW
Hi-Z
Hi-Z
Hi-Z
Hi-Z
VBUS < VBUS valid to VBUS >
VBUS valid operation prior to
completing detection of
SDP, CDP, or DCP. Upon
detection, all outputs switch
as in rows above.
X
Hi-Z
Hi-Z
Hi-Z to
LOW
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Note:
2.
Hi-Z is the internal state of DM_CON. Since a DCP has been detected, DM_CON is shorted to DP_CON externally and
DM_CON is shorted to VDP_SRC. VDP_SRC is not put on DP_CON for proprietary chargers.
3.
DP_CON and DM_CON are pulled to VBUS through a resistor by the PS/2 port when it is connected to the FSA832.
Functional Description
Data Contact Detect (DCD)
DCD relies on the D+ and D- lines being present. DCD waits
until the internal timeout tDCD_TOUT has expired in the
following cases:
 If a charger does not have a D+ pin on the USB connector;
 If the D+ pin is not shorted to D- pin on the connector,
 If D+ is pulled up to a supply; or
 If D+ does not have a sufficient path to ground to defeat a
pull-up IDP_SRC (IDP_SRC) current source.
The FSA832 proceeds with charger detection even though it
is unlikely that a charger is present. If there is no charge, the
algorithm reports an SDP and closes the switch. If a device
is pulling D+ HIGH, this voltage presents itself to the USB
transceiver or Physical Layer Interface (PHY) block within a
System on Chip (SoC) after the switch is closed.
If the DCD timeout is insufficient and the PHY block is so
equipped, DCD and the charging algorithm can be repeated
in the PHY block. The stipulation is that the total time from
VBUS valid to USB transceiver connection with a 1.5 k
Ω pull-
up to 3.3 V must be one (1) second, per USB 2.0 standards,
provided the portable device does not have a dead battery.
CHG_AL_N Output and Output Timing
CHG_AL_N output indicates that charge is allowed to be
drawn from VBUS when CHG_AL_N is LOW. When the
FSA832 first powers up and prior to detection, the
CHG_AL_N pin can follow VBUS up to 28 V, which is the
absolute maximum VBUS voltage allowed. Whenever VBUS is
at GND, the FSA832 is completely off and the switches and
all I/Os are in the Hi-Z state. When VBUS climbs above the
valid VBUS threshold, detection occurs automatically and
CHG_DET, SW_OPEN, and CHG_AL_N all simultaneously
switch to the states indicated in Table 1 if GOOD_BAT is
HIGH
(see
Dead
Battery
Provision
description
for
GOOD_BAT = LOW).
Dead Battery Provision
BC1.2 and USB 2.0 allow a portable device (defined as a
device with a battery) with a dead battery to take a maximum
of 100 mA from the USB VBUS line for a maximum of 45
minutes as long as the portable device forces the D+ line to
VDP_SRC. The FSA832 starts detection when VBUS crosses the
VBUSVLD threshold and, if it detects a CDP or SDP and
GOOD_BAT is HIGH, automatically closes the switch and
does not force the DP_CON pin to VDP_SRC.
Once charger detection is complete, the FSA832 starts a 30-
minute timer and forces the DP_CON pin to VDP_SRC until the
timer elapses. During the 30-minute period; if GOOD_BAT is
LOW, VDP_SRC is applied to DP_CON and the D+/D- switches
are opened. If GOOD_BAT is HIGH, VDP_SRC is not applied to
DP_CON and the D+/D- switches are closed. If GOOD_BAT
is LOW when the 30-minute timer expires; regardless of
whether a proprietary charger, SDP, CDP, or DCP was
previously detected; the FSA832 removes VDP_SRC from
DP_CON and forces CHG_DET LOW and CHG_AL_N to Hi-
Z (SW_OPEN remains in Hi-Z). To exit this fault condition,
remove VBUS, wait for all the VBUS Printed Circuit Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com