Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8796 Datasheet(PDF) 1 Page - PLX Technology

Part # PEX8796
Description  PCI Express Gen3 Switch, 96 Lanes, 24 Ports
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8796 Datasheet(HTML) 1 Page - PLX Technology

  PEX8796 Datasheet HTML 1Page - PLX Technology PEX8796 Datasheet HTML 2Page - PLX Technology PEX8796 Datasheet HTML 3Page - PLX Technology PEX8796 Datasheet HTML 4Page - PLX Technology PEX8796 Datasheet HTML 5Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PEX8796, PCI Express Gen3 Switch, 96 Lanes, 24 Ports
© PLX Technology, www.plxtech.com
Page 1 of 5
24July12; v1.2
Highlights
PEX8796 General Features
o 96-lane, 24-port PCIe Gen3 switch
- Integrated 8.0 GT/s SerDes
o 35 x 35mm2, 1156-ball FCBGA package
o Typical Power: 18.6 Watts
PEX8796 Key Features
o Standards Compliant
- PCI Express Base Specification, r3.0
(compatible w/ PCIe r1.0a/1.1 & 2.0)
- PCI Power Management Spec, r1.2
- Microsoft Windows Logo Compliant
- Supports Access Control Services
- Dynamic link-width control
- Dynamic SerDes speed control
o High Performance
 performancePAK
 Multicast
 Dynamic Buffer/FC Credit Pool
- Non-blocking switch fabric
- Full line rate on all ports
- Cut-Thru with 150ns max packet latency
- 2KB Max Payload Size
o Multi-Host & Fail-Over Support
- 2 Configurable Non-Transparent ports
- Failover with Non-Transparent port
- Up to 4 upstream/Host ports with 1+1 or
N+1 failover to other upstream ports
o Quality of Service (QoS)
- Traffic Class Queuing
- Eight traffic classes per port
- Weighted round-robin source
port arbitration
o Reliability, Availability, Serviceability
 visionPAK
 Per Port Performance Monitoring
 SerDes Eye Capture
 PCIe Packet Generator
 Error Injection and Loopback
- 6 Hot-Plug port with native HP Signals
- All ports Hot-Plug capable thru I2C
- SSC Isolation on up to 24 ports
- ECRC and Poison bit support
- Data Path parity
- Memory (RAM) Error Correction
- Advanced Error Reporting
- Port Status bits and GPIO available
- JTAG AC/DC boundary scan
The ExpressLane
TM PEX8796 device offers Multi-Host PCI Express
switching capability enabling users to connect multiple hosts to their
respective endpoints via scalable, high bandwidth, non-blocking
interconnection to a wide variety of applications including servers, storage
systems, and communications platforms. The PEX8796 is well suited for
fan-out, aggregation, and peer-to-peer applications.
Multi-Host Architecture
The PEX8796 employs an enhanced architecture, which allows users to
configure the device in legacy single-host mode or multi-host mode with up
to four host ports capable of 1+1 (one active & one backup) or N+1 (N active
& one backup) host failover. This powerful architectural enhancement
enables users to build PCIe based systems to support high-availability,
failover, redundant and clustered systems.
High Performance & Low Packet Latency
The PEX8796 architecture supports packet cut-thru with a maximum
latency of 150ns (x16 to x16). This, combined with large packet memory,
flexible common buffer/FC credit pool and non-blocking internal switch
architecture, provides full line rate on all ports for performance-hungry
applications such as servers and switch fabrics. The low latency enables
applications to achieve high throughput and performance. In addition to low
latency, the device supports a packet payload size of up to 2048 bytes,
enabling the user to achieve even higher throughput.
Data Integrity
The PEX8796 provides end-to-end CRC (ECRC) protection and Poison bit
support to enable designs that require end-to-end data integrity. PLX also
supports data path parity and memory (RAM) error correction circuitry
throughout the internal data paths as packets pass through the switch.
Flexible Configuration
The PEX8796’s 24 ports can be configured to lane
widths of x4, x8, or x16. Flexible buffer allocation,
along with the device's flexible packet flow
control, maximizes throughput for applications
where more traffic flows in the downstream, rather
than upstream, direction. Any port can be
designated as the upstream port, which can be
changed dynamically. Figure 1 shows some of the
PEX8796’s common port configurations in legacy
Single-Host mode.
The PEX8796 can also be configured in Multi-Host mode where users can
choose up to four ports as host/upstream ports and assign a desired number of
downstream ports to each host. In Multi-Host mode, a virtual switch is
created for each host port and its associated downstream ports inside the
device. The traffic between the ports of a virtual switch is completely
isolated from the traffic in other virtual switches. Figure 2 illustrates some
configurations of the PEX8796 in Multi-Host mode where each ellipse
represents a virtual switch inside the device.


Similar Part No. - PEX8796

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
PEX8796 AVAGO-PEX8796 Datasheet
570Kb / 5P
PCI Express Gen3 Switch
More results

Similar Description - PEX8796

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8696 PLX-PEX8696 Datasheet
314Kb / 5P
PCI Express Gen 2 Switch, 96 Lanes, 24 Ports
logo
AVAGO TECHNOLOGIES LIMI...
PEX8714 AVAGO-PEX8714 Datasheet
375Kb / 4P
PCI Express Gen3 Switch
PEX8718 AVAGO-PEX8718 Datasheet
348Kb / 4P
PCI Express Gen3 Switch
PEX8734 AVAGO-PEX8734 Datasheet
556Kb / 5P
PCI Express Gen3 Switch
PEX8750 AVAGO-PEX8750 Datasheet
565Kb / 5P
PCI Express Gen3 Switch
PEX8764 AVAGO-PEX8764 Datasheet
590Kb / 5P
PCI Express Gen3 Switch
PEX8780 AVAGO-PEX8780 Datasheet
540Kb / 5P
PCI Express Gen3 Switch
logo
PLX Technology
PEX8734 PLX-PEX8734 Datasheet
556Kb / 5P
PCI Express Gen3 Switch, 32 Lanes, 8 Ports
PEX8749 PLX-PEX8749 Datasheet
807Kb / 5P
PCI Express Gen 3 Switch, 48 Lanes, 18 Ports
PEX8764 PLX-PEX8764 Datasheet
590Kb / 5P
PCI Express Gen3 Switch, 64 Lanes, 16 Ports
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com