Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2380 Datasheet(PDF) 1 Page - PLX Technology

Part # USB2380
Description  PCI Express to USB 2.0 Peripheral Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

USB2380 Datasheet(HTML) 1 Page - PLX Technology

  USB2380 Datasheet HTML 1Page - PLX Technology USB2380 Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB 2380, PCI Express to USB 2.0 Peripheral Controller
© PLX Technology, www.plxtech.com
Page 1 of 2
6/22/2012, Version 1.3
Features
USB 2.0 Client Interface
o
Compliant to the USB 2.0
Specification
o
1 upstream port
o
Support Hi-Speed, Full-Speed
modes
o
Four Descriptor-based DMA
channels for automatic data
transfers
o
Support USB Duet® Technology
o
Support for Bulk, Isochronous,
and Interrupt Endpoints
o
USB Power Management
 USB 2.0 link power
management states: L0, L1, L2
PCI Express Interface
o
PCI Express Gen 1 (2.5Gbps)
o
Electrical Compliance to PCI
Express Base Specification r2.0
o
One x1 upstream port
o
PCI Express Power Management
 All link power management
states: L0, L0s, L1, L2/L3
Ready, and L3
 Device states: D0 and D3(hot
& cold)
 Vaux, Wake#, Beacon support
o
256 byte maximum payload size
o
ExpressCard 2.0 compliance
General
o
Four GPIO pins for maximum
design flexibility
o
10mm x 10mm 88-pin QFN
package with 0.4 mm pitch
o
Low power 90nm technology
o
Industrial Temp support
o
Lead-free package
The USB 2380 is a PCI Express Gen 1 (2.5Gbps) to USB 2.0 Hi-Speed
Peripheral Controller. It features one PCI Express Gen 1 x1 port and one
USB 2.0-compliant client port.
High Performance and Flexibility
The USB 2380 provides 480Mbps bandwidth between the
PCI Express Gen 1 bus and the USB 2.0 Hi-Speed bus. The controller can easily
add a USB 2.0 client port to an existing PCI Express system. The USB 2380’s
standard PCI Express interface provides a x1 upstream port to connect directly to
any PCI Express downstream port for maximum performance of the product.
Abundant Software
As the successor of the gold standard NET 2280, PCI to USB 2.0 Peripheral
Controller, the USB 2380 can be used with existing NET 2280/2282 software
with no change. Driver stacks are already available in common OS’s such as
Windows (XP, Vista, 7 and CE), Linux, and VxWorks. The USB Duet software
will provide the fastest PC interconnect at 480Mbps of transfer speed with just a
simple USB cable.
text
SPI
EEPROM
Ctl
PLL
Memory
Controller
PCIe PHY
DMA
USB OUT FIFOs
USB IN FIFOs
USB 2.0 PHY
To USB Hi/FULL
SPEED HOST
Figure 1: USB 2380 Block Diagram
Applications
Target applications for the USB 2380 as a PCI Express endpoint include PCs,
servers, set-top boxes (STBs), digital video recorders (DVRs), printers, and PCI
Express embedded systems.
Add a USB 2.0 Client Port to PCI Express-Based Systems
The USB 2380 can be used to easily add a USB 2.0 client port to any PCI
Express based embedded system. As a PCI Express endpoint, the USB 2380’s
standard PCI Express interface connects directly to any PCI Express bus.


Similar Part No. - USB2380

ManufacturerPart #DatasheetDescription
logo
Lin Eng. Inc.
USB232 LINENGINEERING-USB232 Datasheet
215Kb / 2P
CONVERTER CARD
More results

Similar Description - USB2380

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VT82C586B ETC-VT82C586B Datasheet
393Kb / 69P
PCI INTEGRATED PERIPHERAL CONTROLLER
VT83C572 ETC-VT83C572 Datasheet
53Kb / 9P
PCI TO USB CONTROLLER
NET2272 ETC2-NET2272 Datasheet
560Kb / 102P
USB 2.0 Peripheral Controller
logo
PLX Technology
NET2272 PLX-NET2272 Datasheet
257Kb / 2P
Local Bus to USB 2.0 Hi-Speed Peripheral Controller
NET2280 PLX-NET2280 Datasheet
229Kb / 2P
PCI to USB 2.0 Hi-Speed Peripheral Controller
NET2282 PLX-NET2282 Datasheet
110Kb / 2P
PCI to USB 2.0 Hi-Speed Peripheral Controller
logo
Texas Instruments
TUSB6015 TI-TUSB6015 Datasheet
694Kb / 28P
USB 2.0 High Speed Peripheral Controller
logo
PLX Technology
USB3380 PLX-USB3380 Datasheet
117Kb / 2P
PCI Express to USB 3.0 Peripheral Controller
USB3382 PLX-USB3382 Datasheet
184Kb / 2P
PCI Express to USB 3.0 Peripheral Controller
logo
VIA Technologies, Inc.
VT6212 VIA-VT6212 Datasheet
452Kb / 26P
PCI USB 2.0 Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com