Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3380 Datasheet(PDF) 2 Page - PLX Technology

Part # USB3380
Description  PCI Express to USB 3.0 Peripheral Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

USB3380 Datasheet(HTML) 2 Page - PLX Technology

  USB3380 Datasheet HTML 1Page - PLX Technology USB3380 Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USB 3380, PCI Express to USB 3.0 Peripheral Controller
© PLX Technology, www.plxtech.com
Page 2 of 2
6/22/2012, Version 1.4
Standard PCI Express registers allow the existing Root
Complex to configure and send data to and from the USB
3380.
Figure 2: Adding a USB 3.0 client port to a PCI
Express-based Printer with USB 3380
Migrate a PCI Express Endpoint to a USB 3.0
Product
The USB 3380 is designed to easily convert an existing
PCI Express endpoint/adapter card to a standalone USB
3.0 product.
Instead of a CPU configuring the PCI Express endpoint,
the USB 3380 can itself act as the PCI Express Root
Complex, with configuration information coming from its
internal 8051 CPU or from the USB host. Auto-
Enumeration Technology allows a standard USB host to
detect this new USB device even if no firmware has been
run. This means that firmware can actually be downloaded
to the USB device after initial boot-up.
Figure 3: Creating a USB 3.0 WiFi dongle with a PCI
Express based Wireless LAN adapter and the USB
3380
The USB 3380 includes PCI Express clock and other
standard signals to compensate for those usually found in a
typical PCI Express Root Complex environment.
The
USB 3380 supports one pair of buffered, 100 MHz HCSL
output clocks, for its downstream port when configured in
Root Complex mode.
The clock output pair can be
disabled by software or serial EEPROM when not in use,
for additional power savings. This feature greatly reduces
system BOM cost by eliminating the need for an extra
clock buffer on the PCB.
Shared memory in the USB 3380 functions as main
memory for holding descriptors or other control data. The
integrated 8051 CPU can also be used to configure the
device to resemble a standard USB class device (like a
communications or video device) even if there is no local
intelligence on the peripheral.
Development Tools
PLX offers hardware and software tools to enable rapid
customer design activity. These tools consist of a hardware
module (USB3380EVK), hardware documentation
(available at www.plxtech.com), and a Software
Development Kit.
The USB3380EVK is a x1 PCI Express adapter board that
easily plugs into any standard PCI Express slot. The
USB3380EVK-RC includes an optional PCI Express slot
for plugging in another PCI Express endpoint.
Both USB host and peripheral-side software is included
with the USB3380EVK. The host-side software consists
of USB drivers and test applications. The peripheral-side
firmware is used to configure the USB 3380 to resemble a
standard USB class device (like a printer or mass storage
device) for which no USB host drivers will need to be
written. For custom applications, firmware APIs are
provided to abstract the USB transactions to reads and
writes. While this software is available for various
operating systems, it is written in standard C with
portability in mind.
Product Ordering Information
Part Number
Description
USB3380-AB50NI G
One x1-port PCI Express Gen 2.0 to
USB 3.0 SuperSpeed Peripheral
Controller (10x10mm
2)
Visit www.plxtech.com for more information.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com