Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74ST1G02 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74ST1G02
Description  SOTiny Logic 2-Input NOR Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ST1G02 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74ST1G02 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ST1G02 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ST1G02 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ST1G02 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
PS8515B
06/12/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74ST1G02
SOTiny™Logic
2-Input NOR Gate
DC Electrical Characteristics (Over supply voltage and operating temperature ranges, unless otherwise specified)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
V C
C
)
V
(
s
n
o
it
i
d
n
o
C
TA
C
°
5
2
+
=
TA
C
°
0
4
–
=
C
°
5
8
+
o
t
s
ti
n
U
.
n
i
M.
p
y
T.
x
a
M.
n
i
M.
x
a
M
V H
I
l
e
v
e
L
H
G
I
H
e
g
a
tl
o
V
t
u
p
n
I
8
.
1
6
.
3
-
3
.
2
V
5
7
.
0
C
C
V
0
7
.
0
C
C
V
5
7
.
0
C
C
V
0
7
.
0
C
C
V
V L
I
l
e
v
e
L
W
O
L
e
g
a
tl
o
V
t
u
p
n
I
8
.
1
6
.
3
-
3
.
2
V
5
2
.
0
C
C
V
0
3
.
0
C
C
V
5
2
.
0
C
C
V
0
3
.
0
C
C
V H
O
l
e
v
e
L
H
G
I
H
e
g
a
tl
o
V
t
u
p
t
u
O
8
.
1
3
.
2
0
.
3
V N
I
V
= L
I
I H
O
A
µ
0
0
1
–
=
7
.
1
2
.
2
9
.
2
9
7
.
1
9
2
.
2
9
9
.
2
7
.
1
2
.
2
9
.
2
3
.
2
0
.
3
0
.
3
I H
O
A
m
8
–
=
I H
O
A
m
6
1
–
=
I H
O
A
m
4
2
–
=
9
.
1
4
.
2
3
.
2
3
1
.
2
1
7
.
2
5
5
.
2
9
.
1
4
.
2
3
.
2
V L
O
l
e
v
e
L
W
O
L
e
g
a
tl
o
V
t
u
p
t
u
O
8
.
1
3
.
2
0
.
3
V N
I
V
= H
I
I L
O
A
µ
0
0
1
=
1
0
.
0
1
0
.
0
0
0
.
0
1
.
0
1
.
0
1
.
0
1
.
0
1
.
0
1
.
0
3
.
2
0
.
3
0
.
3
I L
O
A
m
8
=
I L
O
A
m
6
1
=
I L
O
A
m
4
2
=
0
1
.
0
8
1
.
0
8
2
.
0
3
.
0
4
.
0
5
5
.
0
3
.
0
4
.
0
5
5
.
0
I N
I
e
g
a
k
a
e
L
t
u
p
n
I
t
n
e
rr
u
C
6
.
3
-
0V N
I
D
N
G
,
V
5
.
5
=1
–1
1
–1
A
µ
I F
F
O
ff
O
r
e
w
o
P
t
n
e
rr
u
C
e
g
a
k
a
e
L
0
.
0V N
I
V
r
o
T
U
O
V
5
.
5
=1
–1
1
–1
I C
C
y
l
p
p
u
S
t
n
e
c
s
ei
u
Q
t
n
e
rr
u
C
6
.
3
-
8
.
1V N
I
D
N
G
,
V
5
.
5
=0
.
20
2
SupplyVoltage(VCC) ...........................................................–0.5Vto+4V
DC Input Voltage (VIN) ........................................................–0.5Vto+6V
DC Output Voltage (VOUT) ..................................................–0.5Vto+6V
DC Input Diode Current (IIK) ........................................ –50mAto20mA
DC Output Diode Current (IOK) .................................... –50mAto20mA
DC Output Current (IOUT)............................................................±50mA
DCVCC/GNDCurrent (ICC/IGND) .................................................±50mA
Storage Temperature (TSTG) .......................................... –65°Cto+150°C
Junction Lead Temperature (IOS) .................................................... 200°C
Power Dissipation SOT23 ............................................................ 200mW
SC70 ............................................................... 150mW
AbsoluteMaximumRatings
Note:
Absolute maximum ratings are DC values beyond
which the device may be damaged or have its useful
life impaired. The datasheet specifications should be
met, without exception, to ensure that the system
design is reliable over its power supply, temp
erature, and output/input loading variables.
Pericom does not recommend operation outside
datasheet specifications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com