Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR5AS Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # BCR5AS
Description  MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR5AS Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  BCR5AS Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR5AS Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR5AS Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR5AS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor BCR5AS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb.1999
LACHING CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
HOLDING CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
ALLOWABLE AMBIENT TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)
ALLOWABLE AMBIENT TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)
REPETITIVE PEAK OFF-STATE
CURRENT VS. JUNCTION
TEMPERATURE
JUNCTION TEMPERATURE (°C)
BREAKOVER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
160
100
80
40
20
0
140
40
–40
–60
–20 0
20
60 80
140
100 120
60
120
TYPICAL EXAMPLE
140
40
–40
–60
–20 0
20
60 80 100 120
105
7
5
3
2
104
7
5
3
2
103
7
5
3
2
102
TYPICAL EXAMPLE
160
120
100
60
20
0
8
0
1
357
40
80
140
24
6
80 80 t2.3
170 170 t2.3
140 140 t2.3
CURVES APPLY
REGARDLESS OF
CONDUCTION ANGLE
RESISTIVE
INDUCTIVE,
LOADS
NATURAL
CONVECTION
ALL FINS ARE ALUMINUM
160
120
100
60
20
0
1.6
0
0.2
0.6
1.0
1.4
40
80
140
0.4
0.8
1.2
NATURAL CONVECTION
NO FINS
CURVES APPLY REGARDLESS
OF CONDUCTION ANGLE
RESISTIVE, INDUCTIVE LOADS
102
7
5
3
2
–60
–20
20
101
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
100
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
VD = 12V
TYPICAL
EXAMPLE
DISTRIBUTION
140
–60
–20
20
60
100
103
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
–40
0
40
80
120
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
,,,,,,,,,,,
T2
+, G–
TYPICAL
EXAMPLE
T2
+, G+
T2
– , G–
TYPICAL
EXAMPLE
DISTRIBUTION
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR5AS
MEDIUM POWER USE
NON-INSULATED TYPE, PLANAR PASSIVATION TYPE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com