Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2052BD Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST2052BD
Description  CURRENT LIMITED POWER DISTRIBUTION SWITCHES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2052BD Datasheet(HTML) 1 Page - STMicroelectronics

  ST2052BD Datasheet HTML 1Page - STMicroelectronics ST2052BD Datasheet HTML 2Page - STMicroelectronics ST2052BD Datasheet HTML 3Page - STMicroelectronics ST2052BD Datasheet HTML 4Page - STMicroelectronics ST2052BD Datasheet HTML 5Page - STMicroelectronics ST2052BD Datasheet HTML 6Page - STMicroelectronics ST2052BD Datasheet HTML 7Page - STMicroelectronics ST2052BD Datasheet HTML 8Page - STMicroelectronics ST2052BD Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
July 2005
I
80m
Ω HIGH-SIDE MOSFET SWITCH
I
500mA CONTINUOUS CURRENT PER
CHANNEL
I
INDEPENDENT THERMAL AND
SHORT-CIRCUIT PROTECTION WITH
OVERCURRENT LOGIC OUTPUT
I
OPERATING RANGE FROM 2.7V TO 5.5V
I
CMOS- AND TTL-COMPATIBLE ENABLE
INPUTS
I
10 ms OC_N FAULT BLANKING
I
2.5ms TYPICAL RISE TIME
I
UNDERVOLTAGE LOCKOUT
I
10
µA MAXIMUM STANDBY SUPPLY
CURRENT
I
AMBIENT TEMPERATURE RANGE, 0°C TO
85°C
I
ESD PROTECTION
DESCRIPTION
The
ST2052
power
distribution
switches
is
intended for application where heavy capacitive
loads
and
short
circuits
are
likely
to
be
encountered. These devices incorporate 80m
Ω
N-channel MOSFET high-side power switches for
power-distribution systems that require multiple
powers switches in a single package. Each switch
is controlled by an independent logic enable input.
Gate drive is provided by an internal charge pump
designed to control the power-switch rise times
and fall times to minimize current surges during
switching. The charge pump requires no external
components and allows operation from supplies
as low as 2.7 V.
When the output load exceeds the current-limit
threshold or a short is present, these devices limit
the output current to a safe level by switching into
a constant-current mode, pulling the overcurrent
(OCx) logic output low. A 10ms deglitching circuit
provides fault-blanking feature, preventing the
OC_N pin to be asserted during hot-insertion or
short spikes of overcurrent conditions.
When continuous heavy overloads and short
circuits increase the power dissipation in the
switch, causing the junction temperature to rise, a
thermal protection circuit shuts off the switch to
prevent
damage.
Recovery
from
a
thermal
shutdown is automatic once the device has cooled
sufficiently. Internal circuitry ensures the switch
remains off until valid input voltage is present.
These power-distribution switches are designed to
current limit at 0.9 A
Table 1: Order Codes
Type
Temperature
Range
Package
Comments
ST2052BD
-40 to 85 °C
SO-8 (Tube)
50parts per tube / 40tube per box
ST2052BDR
-40 to 85 °C
SO-8 (Tape & Reel)
2500 parts per reel
ST2052
CURRENT LIMITED
POWER DISTRIBUTION SWITCHES
SOP
Rev. 2


Similar Part No. - ST2052BD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2052BD STMICROELECTRONICS-ST2052BD Datasheet
175Kb / 13P
Current limited Power distribution switches
30-May-2007
ST2052BDR STMICROELECTRONICS-ST2052BDR Datasheet
175Kb / 13P
Current limited Power distribution switches
30-May-2007
More results

Similar Description - ST2052BD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
Oct-2003
ST2054 STMICROELECTRONICS-ST2054 Datasheet
445Kb / 9P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
13-Jul-2005
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2066 TI-TPS2066_08 Datasheet
1Mb / 35P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
Current limited Power distribution switches
29-May-2007
logo
Texas Instruments
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
Current Limited, Power-Distribution Switches
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com