Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF10NB60SD Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGF10NB60SD
Description  N-CHANNEL 10A - 600V TO-220FP PowerMESH IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF10NB60SD Datasheet(HTML) 1 Page - STMicroelectronics

  STGF10NB60SD Datasheet HTML 1Page - STMicroelectronics STGF10NB60SD Datasheet HTML 2Page - STMicroelectronics STGF10NB60SD Datasheet HTML 3Page - STMicroelectronics STGF10NB60SD Datasheet HTML 4Page - STMicroelectronics STGF10NB60SD Datasheet HTML 5Page - STMicroelectronics STGF10NB60SD Datasheet HTML 6Page - STMicroelectronics STGF10NB60SD Datasheet HTML 7Page - STMicroelectronics STGF10NB60SD Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
June 2003
STGF10NB60SD
N-CHANNEL 10A - 600V TO-220FP
PowerMESH™ IGBT
(q ) Pulse width limited by safe operating area
s
HIGHT INPUT IMPEDANCE (VOLTAGE
DRIVEN)
s
LOW ON-VOLTAGE DROP
s
HIGH CURRENT CAPABILITY
s
OFF LOSSES INCLUDE TAIL CURRENT
s
CO-PACKAGED WITH TURBOSWITCH™
ANTIPARALLEL DIODE
DESCRIPTION
Using the latest high voltage technology based on a
patented strip layout, STMicroelectronics has
designed an advanced family of IGBTs, the
PowerMESH™ IGBTs, with outstanding
performances. The suffix “S” identifies a family
optimized achieve minimum on-voltage drop for low
frequency applications (<1kHz).
APPLICATIONS
s
LIGHT DIMMER
s
STATIC RELAYS
s
MOTOR CONTROL
ABSOLUTE MAXIMUM RATINGS
TYPE
VCES
VCE(sat) (Max)
@25°C
IC
@100°C
STGF10NB60SD
600
< 1.8 V10 A
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VGS =0)
600
V
VECR
Reverse Battery Protection
20
V
VGE
Gate-Emitter Voltage
± 20
V
IC
Collector Current (continuous) at TC =25°C
20
A
IC
Collector Current (continuous) at TC =100°C
10
A
ICM (q)
Collector Current (pulsed)
80
A
PTOT
Total Dissipation at TC = 25°C
25
W
Derating Factor
0.2
W/°C
VISO
Insulation Withstand Voltage A.C.(t = 1 sec; Tc = 25°C)
2500
V
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
TO-220FP
1
2
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STGF10NB60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF10NB60SD STMICROELECTRONICS-STGF10NB60SD Datasheet
273Kb / 13P
N-channel 10A - 600V - TO-220FP PowerMESH TM IGBT
15-May-2006
STGF10NB60SD STMICROELECTRONICS-STGF10NB60SD_06 Datasheet
273Kb / 13P
N-channel 10A - 600V - TO-220FP PowerMESH TM IGBT
15-May-2006
More results

Similar Description - STGF10NB60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP10NB60S STMICROELECTRONICS-STGP10NB60S Datasheet
85Kb / 8P
N-CHANNEL 10A - 600V TO-220 PowerMESH IGBT
Jun-1999
STGP10NB60SDFP STMICROELECTRONICS-STGP10NB60SDFP Datasheet
326Kb / 8P
N-CHANNEL 10A - 600V - TO-220FP PowerMesh™ IGBT
Nov-2002
STGP10NB60SFP STMICROELECTRONICS-STGP10NB60SFP Datasheet
316Kb / 8P
N-CHANNEL 10A - 600V - TO-220FP PowerMesh™ IGBT
Jun-2002
STGF7NB60SL STMICROELECTRONICS-STGF7NB60SL Datasheet
257Kb / 9P
N-CHANNEL 7A - 600V - TO-220FP PowerMESH IGBT
04-Jun-2004
logo
List of Unclassifed Man...
9858 ETC-9858 Datasheet
258Kb / 9P
N-CHANNEL 7A - 600V - TO-220FP PowerMESH IGBT
logo
STMicroelectronics
STGF20NB60S STMICROELECTRONICS-STGF20NB60S Datasheet
293Kb / 10P
N-CHANNEL 13A - 600V TO-220FP PowerMESH IGBT
17-Dec-2004
STGF10NB60SD STMICROELECTRONICS-STGF10NB60SD_06 Datasheet
273Kb / 13P
N-channel 10A - 600V - TO-220FP PowerMESH TM IGBT
15-May-2006
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH™ IGBT
28-Feb-2005
STGB10NC60HD_0710 STMICROELECTRONICS-STGB10NC60HD_0710 Datasheet
410Kb / 17P
N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
05-Oct-2007
STP10NB60SFP STMICROELECTRONICS-STP10NB60SFP Datasheet
318Kb / 8P
N-CHANNEL 10A - 600V - TO-220FP PowerMesh??IGBT
Jun-2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com