Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW13NK80Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW13NK80Z
Description  N-CHANNEL 800V - 0.53W - 12A TO-247 Zener-Protected SuperMESH Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW13NK80Z Datasheet(HTML) 3 Page - STMicroelectronics

  STW13NK80Z Datasheet HTML 1Page - STMicroelectronics STW13NK80Z Datasheet HTML 2Page - STMicroelectronics STW13NK80Z Datasheet HTML 3Page - STMicroelectronics STW13NK80Z Datasheet HTML 4Page - STMicroelectronics STW13NK80Z Datasheet HTML 5Page - STMicroelectronics STW13NK80Z Datasheet HTML 6Page - STMicroelectronics STW13NK80Z Datasheet HTML 7Page - STMicroelectronics STW13NK80Z Datasheet HTML 8Page - STMicroelectronics STW13NK80Z Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
STW13NK80Z
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
ON/OFF
DYNAMIC
SOURCE DRAIN DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
3. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80%
VDSS.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID =1mA, VGS = 0
800
V
IDSS
Zero Gate Voltage
Drain Current (VGS =0)
VDS = Max Rating
VDS = Max Rating, TC = 125 °C
1
50
µA
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS = ± 20V
±10
µA
VGS(th)
Gate Threshold Voltage
VDS =VGS,ID = 100 µA
3
3.75
4.5
V
RDS(on)
Static Drain-source On
Resistance
VGS =10V, ID = 6 A
0.53
0.65
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS =15V, ID =6 A
11
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25V,f= 1MHz,VGS = 0
3480
312
67
pF
pF
pF
Coss eq. (3)
Equivalent Output
Capacitance
VGS =0V, VDS = 0V to 720 V
150
pF
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VDD =400 V, ID =6 A
RG = 4.7Ω VGS =10 V
(Resistive Load see, Figure 3)
33
22
95
55
ns
ns
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD =640 V, ID =12 A,
VGS =10V
115
31
51
155
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM (2)
Source-drain Current
Source-drain Current (pulsed)
12
48
A
A
VSD (1)
Forward On Voltage
ISD =12A,VGS =0
1.6
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 12 A, di/dt = 100A/µs
VDD =100 V, Tj =25°C
(see test circuit, Figure 5)
632
7.2
23
ns
µC
A
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 12 A, di/dt = 100A/µs
VDD =100 V, Tj =150°C
(see test circuit, Figure 5)
805
10
25
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com