Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP15AC Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP15AC
Description  15W 4KVAC Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP15AC Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP15AC Datasheet HTML 1Page - Toppower Electronic Technology Limited TP15AC Datasheet HTML 2Page - Toppower Electronic Technology Limited TP15AC Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP15AC series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
page 1 of 3
DESCRIPTION
:
The rated output power of TP15AC series is 15W,With very low no-load consumption (only
<0.1W), Low
leakage current(only 0.1mA ),ultra-small size,
(50.8*25.4*15.3mm),isolated voltage up to 4KVAC. Product
safe and reliable,Good EMC performance,EMC And meet the safety specifications of
IEC/EN61000-4,CISPR22/EN55022,UL60950/EN60950/EN60601,etc.
Widely used in medical, industrial, office and civil industries, if applied to the bad electromagnetic
compatibility must refer to the application circuit
15W 4KVAC Isolation Wide Input AC/DC Converters
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified
.
OUTPUT CHARACTERISTICS
Parameter
Conditions
Mini.
Typ.
Max.
Units
Output voltage accuracy
±2
%
Line regulation
±1
%
Load regulation
±1
%
Short-circuit protection
Overvoltage, overcurrent, short circuit protection,self-recovery
Ripple & Noise
20MHz bandwidth (peak-peak value)
50
100
mv
Temperature Coefficient
±0.03
%/
℃
Start rising time
115VAC Input while full-load
200
ms
Start rising time
230VAC Input while full-load
100
ms
Output hold time
115VAC Input while full-load
15
ms
Output hold time
230VAC Input while full-load
40
ms
FEATURES
Universal input voltage range
AC and DC dual-use
Wide input voltage: 4:1
Low power consumption
High efficiency,high power density, ultra-small size
Over current protection, Short circuit protection
Low Ripple & Noise
RoHS compliant
Operating temperature: -40
℃to70℃
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency
(typ.)
%
VAC
VDC
Voltage
(VDC)
Current
(A)
TP15AC220S03W
85-265
120-370
3.3
3.00
80
TP15AC220S05W
85-265
120-370
5
3.00
84
TP15AC220S09W
85-265
120-370
9
1.66
85
TP15AC220S12W
85-265
120-370
12
1.25
85
TP15AC220S15W
85-265
120-370
15
1.00
87
TP15AC220S24W
85-265
120-370
24
0.62
87
INPUT CHARACTERISTICS
Parameter
Conditions
Mini.
Typ.
Max.
Units
Voltage range
DC Input
120
220
370
VDC
Voltage range
AC Input
85
220
265
VAC
Input frequency
50
60
HZ
Input Current
115VAC
210
mA
Input Current
230VAC
100
mA
Inrush current
115VAC
16
A
Inrush current
230VAC
30
A
External fuse recommended value
1A/250V, slow fusing, necessary
Hot plug
Unavailable
Leakage current
265VAC/50Hz
<0.1
mA
TOPPOWER


Similar Part No. - TP15AC

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP15AS TOPPOWER-TP15AS Datasheet
509Kb / 4P
15W 3KVAC Isolation Wide Input AC/DC Converters
TP15AS220D05 TOPPOWER-TP15AS220D05 Datasheet
509Kb / 4P
15W 3KVAC Isolation Wide Input AC/DC Converters
TP15AS220D05P05 TOPPOWER-TP15AS220D05P05 Datasheet
509Kb / 4P
15W 3KVAC Isolation Wide Input AC/DC Converters
TP15AS220D05P05W TOPPOWER-TP15AS220D05P05W Datasheet
509Kb / 4P
15W 3KVAC Isolation Wide Input AC/DC Converters
TP15AS220D05P12 TOPPOWER-TP15AS220D05P12 Datasheet
509Kb / 4P
15W 3KVAC Isolation Wide Input AC/DC Converters
More results

Similar Description - TP15AC

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP15AT TOPPOWER-TP15AT Datasheet
214Kb / 4P
15W 2.5KV Isolation Wide Input AC/DC Converters
TP05AC TOPPOWER-TP05AC_17 Datasheet
274Kb / 3P
5W 4KVAC Isolation Wide Input AC/DC Converters
TP07AC TOPPOWER-TP07AC Datasheet
275Kb / 3P
7W 4KVAC Isolation Wide Input AC/DC Converters
TP15AS TOPPOWER-TP15AS Datasheet
509Kb / 4P
15W 3KVAC Isolation Wide Input AC/DC Converters
TP20AC TOPPOWER-TP20AC Datasheet
730Kb / 3P
20W 4KVAC Isolation Wide Input AC/DC Converters
TP15AT TOPPOWER-TP15AT_18 Datasheet
695Kb / 4P
15W 3KVAC Isolation Wide Input AC/DC Converters
TP15AU TOPPOWER-TP15AU Datasheet
772Kb / 4P
15W 3KVAC Isolation Wide Input AC/DC Converters
TP05AC TOPPOWER-TP05AC_19 Datasheet
1Mb / 3P
5W 4KVAC Isolation Wide Input AC/DC Converters
TP10AC TOPPOWER-TP10AC_V01 Datasheet
811Kb / 3P
10W 4KVAC Isolation Wide Input AC/DC Converters
TP05AS TOPPOWER-TP05AS_V01 Datasheet
848Kb / 4P
5W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com