Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2900747 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2900747
Description  Figure shows variant for 4 modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2900747 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2900747 Datasheet HTML 1Page - PHOENIX CONTACT 2900747 Datasheet HTML 2Page - PHOENIX CONTACT 2900747 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 3
http://www.phoenixcon.com
May 9, 2011
Extract from the online
catalog
 
BRIDGE- 3
Order No.: 2900747
Figure shows variant for 4 modules
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2900747
 
 
3-phase loop bridge for 3 modules of the CONTACTRON family with
22.5 mm housing width.
 
Commercial data
GTIN (EAN)
4
046356
528252
sales group
G428
Pack
1 pcs.
Customs tariff
85444290
Catalog page information
Page 236 (NTK-2010)
Product notes
WEEE/RoHS-compliant since:
03/02/2010
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.


Similar Part No. - 2900747

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900746 PHOENIX-2900746 Datasheet
88Kb / 3P
Figure shows variant for 4 modules
2900748 PHOENIX-2900748 Datasheet
88Kb / 3P
3-phase loop bridge for 4 modules of the CONTACTRON family with 22.5 mm housing width.
2900749 PHOENIX-2900749 Datasheet
88Kb / 3P
Figure shows variant for 4 modules
More results

Similar Description - 2900747

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NS9210B-0-I75 ETC2-NS9210B-0-I75 Datasheet
1Mb / 68P
Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
logo
PHOENIX CONTACT
EMG10-21-LC PHOENIX-EMG10-21-LC Datasheet
139Kb / 6P
The figure shows the EMG 10-REL/KSR-G 24/21-LC variant
2900560 PHOENIX-2900560 Datasheet
173Kb / 6P
The figure shows the 9 A version
2900691 PHOENIX-2900691 Datasheet
164Kb / 6P
The figure shows the 9 A version
2900746 PHOENIX-2900746 Datasheet
88Kb / 3P
Figure shows variant for 4 modules
2900749 PHOENIX-2900749 Datasheet
88Kb / 3P
Figure shows variant for 4 modules
2900750 PHOENIX-2900750 Datasheet
88Kb / 3P
Figure shows variant for 4 modules
2900751 PHOENIX-2900751 Datasheet
88Kb / 3P
Figure shows variant for 4 modules
2900752 PHOENIX-2900752 Datasheet
88Kb / 3P
Figure shows variant for 4 modules
2900754 PHOENIX-2900754 Datasheet
88Kb / 3P
Figure shows variant for 4 modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com