Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS26 Datasheet(PDF) 1 Page - celduc-relais

Part # CS26
Description  INVERSEUR CONTACT SEC / DRY CONTACT CHANGEOVER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

CS26 Datasheet(HTML) 1 Page - celduc-relais

  CS26 Datasheet HTML 1Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
page 1 / 1 F/GB
CS26 . . . .
Dimensions / Outlines
Matériau utilisé pour le contact / Contact material
Rhodium
Puissance maximale commutable / Max. switching power
60W/VA
Tension maximale commutable / Max. switching voltage
400Vac/Vdc
Courant maximal commutable / Max. switching current
1A
Courant de travail / Carrying current
2A
Tension de tenue / Hold-on voltage
1000 VDC
Résistance de contact initiale ( max. ) / Initial contact resistance ( max .)
≤100mΩ
Résistance d'isolement ( min. ) / Insulation resistance ( min .)
109 Ω
Temps de commutation à l'action / Operate time
( rebonds exclus / rebonds inclus ) / ( without bounces / bounces included )
0,55 / 4 ms
Temps de commutation au relachement / Release time
0,5ms
Température de fonctionnement / Operating temperature
-40 à 150°C
Vibration ( 2000 Hz ) / Vibration
35 g
Chocs ( 1/2 onde - 11 ms ) / Shocks ( 1/2 sine wave - 11 ms )
50 g
Fréquence de travail / Operating frequency
100 Hz
Capacité / Capacitance
1 pF
I/SEC/CS26****/A/06/02/2008
INTERRUPTEUR REED / REED SWITCH
INVERSEUR CONTACT SEC / DRY CONTACT CHANGEOVER
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
Proud to serve you
celducâ
r
e
l
a
i
s


Similar Part No. - CS26

ManufacturerPart #DatasheetDescription
logo
HUAJING MICROELECTRONIC...
CS260N60 HUAJING-MICRO-CS260N60 Datasheet
448Kb / 10P
Silicon N-Channel Power MOSFET
logo
List of Unclassifed Man...
CS26186 ETC-CS26186 Datasheet
731Kb / 1P
DB 9P F TO DB 9P F CABLE
2015.03.04
logo
Power-One
CS2660-7R POWER-ONE-CS2660-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
logo
List of Unclassifed Man...
CS26UL1007SLD1.5 ETC-CS26UL1007SLD1.5 Datasheet
64Kb / 1P
UL1007 Hook Up Wire Stranded or Solid
1/27/20
More results

Similar Description - CS26

ManufacturerPart #DatasheetDescription
logo
celduc-relais
CD30 CELDUC-CD30 Datasheet
54Kb / 2P
REED SWITCH DRY CONTACT CHANGEOVER
CG21 CELDUC-CG21 Datasheet
409Kb / 4P
REED SWITCH DRY CONTACT CHANGEOVER
F61A CELDUC-F61A Datasheet
129Kb / 2P
REED RELAY / DRY CONTACT/ 4KVcoil/ contact insulation
R029 CELDUC-R029 Datasheet
191Kb / 2P
REED RELAY / DRY CONTACT
R055.B08 CELDUC-R055.B08 Datasheet
140Kb / 2P
REED RELAY / DRY CONTACT
logo
Red Lion Controls. Inc
DRY_CONTACT REDLION-DRY_CONTACT Datasheet
325Kb / 1P
Dry Contact Relay Module
logo
celduc-relais
AB212030 CELDUC-AB212030 Datasheet
479Kb / 2P
NORMALEMENT OUVERT, CONTACT SEC
AD223540 CELDUC-AD223540 Datasheet
365Kb / 2P
NORMALEMENT OUVERT, CONTACT SEC
AD284550 CELDUC-AD284550 Datasheet
491Kb / 2P
NORMALEMENT OUVERT, CONTACT SEC
AX211535 CELDUC-AX211535 Datasheet
136Kb / 2P
NORMALEMENT OUVERT, CONTACT SEC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com