Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISCD18102 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISCD18102
Description  isc P-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCD18102 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISCD18102 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCD18102 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc P-Channel MOSFET Transistor
ISCD18102
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
BVDSS
Drain-Source Breakdown Voltage VGS=0V; ID= -250μA
-100
V
VGS(th)
Gate Threshold Voltage
VDS=VGS; ID= -250μA
-1
-3
V
RDS(on)
Drain-Source On-Resistance
VGS= -10V; ID= -3A
170
200
mΩ
IGSS
Gate-Source Leakage Current
VGS= ±20V; VDS= 0V
±10
μ
A
IDSS
Drain-Source Leakage Current
VDS= -100V; VGS= 0V
-1
μ
A
VSD
Diode forward voltage
IS= -3A, VGS = 0V
-1.2
V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com