Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISCD18106 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISCD18106
Description  isc Silicon PNP Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCD18106 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISCD18106 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCD18106 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Darlington Power Transistor
ISCD18106
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
VCE(sat)-1*
Collector-Emitter Saturation Voltage
IC= -2A; IB=- 8mA
-2.0
V
VCE(sat)-2*
Collector-Emitter Saturation Voltage
IC= -4A; IB=- 40mA
-3.0
V
VBE(sat)*
Base-Emitter Saturation Voltage
IC=- 4A; IB=- 40mA
-4.0
V
VBE(on)*
Base-Emitter On Voltage
IC=-2A; VCE=-3V
-2.8
V
V(BR)CEO
Collector-Emitter Breakdown Voltage IC= -30mA; IB= 0
-100
V
ICBO
Collector Cutoff Current
VCB=- 50V; IE= 0
-20
uA
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
-2
mA
hFE-1*
DC Current Gain
IC=-0.5A; VCE= -3V
500
hFE-2*
DC Current Gain
IC= -2A; VCE=-3V
1K
12K
hFE-3*
DC Current Gain
IC=- 4A; VCE=-3V
200
COB
Output Capacitance
IE= 0; VCB= -10V; f= 1.0MHz
200
pF
fT
Current-Gain—Bandwidth Product
IC= -0.75A; VCE= -10V
25
MHz
*:Pulse test PW≤300us,duty cycle≤2%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com