Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE7684 Datasheet(PDF) 2 Page - Texas Instruments

Part # AFE7684
Description  Quad/Dual-Channel, RF Sampling Analog Front-End with 14-Bit 9GSPS DACs and 14-Bit 3GSPS ADCs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE7684 Datasheet(HTML) 2 Page - Texas Instruments

  AFE7684_18 Datasheet HTML 1Page - Texas Instruments AFE7684_18 Datasheet HTML 2Page - Texas Instruments AFE7684_18 Datasheet HTML 3Page - Texas Instruments AFE7684_18 Datasheet HTML 4Page - Texas Instruments AFE7684_18 Datasheet HTML 5Page - Texas Instruments AFE7684_18 Datasheet HTML 6Page - Texas Instruments AFE7684_18 Datasheet HTML 7Page - Texas Instruments AFE7684_18 Datasheet HTML 8Page - Texas Instruments AFE7684_18 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RXBDSA1P/M
RXBDSA2P/M
Buffer
SHA
RXADSA1P/M
ADC
DSA
DSA
RXADSA2P/M
ADC
Buffer
SHA
ADC
DSA
DSA
ADC
NCO
NCO
DDC
DDC
NCO
NCO
TXCP/M
NCO
TXBP/M
DAC
DAC
NCO
DUC
DUC
NCO
NCO
ADC
DSA
DSA
DSA
DSA
NCO
NCO
DDC
DDC
NCO
NCO
Buffer SHA
Buffer SHA
ADC
RXDDSA1P/M
RXDDSA2P/M
RXCDSA1P/M
RXCDSA2P/M
NCO
NCO
DUC
DUC
NCO
NCO
DAC
DAC
Low jitter PLL
Divider
/2, /3, /4
SerDes
TXDP/M
TXAP/M
JTAG
TXD DSA
TXC DSA
TXB DSA
TXA DSA
Temp Sensor
VEE18AB
VDDL1AB
VDDL2AB
VDDTX18CD
VDDTXCD
VEE18CD
VDDL2CD
VDDL1CD
FSPICLKD
FSPIDD
DVDD
VDDTX18AB
VDDTXAB
DVDD
DVDD
DVDD
RX1P8V
RX1P2V
FSPICLKA
FSPIDA
FSPICLKB
FSPIDB
FSPICLKC
FSPIDC
RX1P8V
RX1P2V
2
AFE7684, AFE7685, AFE7686
SLASEQ7B – MAY 2018 – REVISED SEPTEMBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AFE7684 AFE7685 AFE7686
Device Overview
Copyright © 2018, Texas Instruments Incorporated
Device Information(1) (continued)
PART NUMBER
PACKAGE
BODY SIZE
(2)
Advance Information
AFE7684(2)
FC-BGA
17.00 mm x 17.00 mm
1.4
Functional Block Diagram
Figure 1-1. Functional Block Diagram of AFE7685/AFE7686



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com