Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34063AL-P08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MC34063AL-P08-R
Description  DC TO DC CONVERTER CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34063AL-P08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  MC34063AL-P08-R Datasheet HTML 1Page - Unisonic Technologies MC34063AL-P08-R Datasheet HTML 2Page - Unisonic Technologies MC34063AL-P08-R Datasheet HTML 3Page - Unisonic Technologies MC34063AL-P08-R Datasheet HTML 4Page - Unisonic Technologies MC34063AL-P08-R Datasheet HTML 5Page - Unisonic Technologies MC34063AL-P08-R Datasheet HTML 6Page - Unisonic Technologies MC34063AL-P08-R Datasheet HTML 7Page - Unisonic Technologies MC34063AL-P08-R Datasheet HTML 8Page - Unisonic Technologies MC34063AL-P08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC34063A
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
3 of 9
www.unisonic.com.tw
QW-R103-008.N
ABSOLU T E M AX I M U M RAT I N GS (TA=25°C, unless otherwise specified. )
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
40
V
Comparator Input Voltage
VIN(COMP)
-0.3 ~ +40
V
Switch Collector Voltage
VC(SW)
40
V
Switch Emitter Voltage
VE(SW)
40
V
Switch Collector to Emitter Voltage
VCE(SW)
40
V
Driver Collector Voltage
VC(DR)
40
V
Switch Current
ISW
1.5
A
DIP-8
1250
mW
SOP-8
625
mW
Power Dissipation (TA=25C)
TSSOP-8
PD
300
mW
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
0 ~ +70
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device which the device could be permanently
damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
T H ERM AL DAT A
PARAMETER
SYMBOL
RATINGS
UNIT
DIP-8
100
°C/W
SOP-8
160
°C/W
Junction-to-Ambient
TSSOP-8
θJA
333
°C/W
ELECT RI CAL CH ARACT ERI ST I CS (VCC=5.0V, TA=0~+70°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OSCILLATOR
Maximum Oscillator Frequency
FOSC
VPIN 5=0V, CT=1.0nF, TA=25°C
24
42
kHz
Charging Current
ICHG
VCC=5 to 40V, TA=25°C
22
31
42
μA
Discharging Current
IDISCHG
VCC=5 to 40V, TA=25°C
140
190
260
μA
Oscillator Amplitude
VOSC
TA=25°C
0.5
V
Discharge to Charge Current Ratio
K
V7=VCC, TA=25°C
5.2
6.1
7.5
Current limit Sense Voltage
VSENSE
ICHG=IDISCHG, TA=25°C
250
300
350
mV
OUTPUT SWITCH
Saturation Voltage 1 (Note)
VCE(SAT)1
ISW=1.0A, VC(DRIVER)=VC(SW)
0.95
1.3
V
Saturation Voltage 2 (Note)
VCE(SAT)2
ISW=1.0A, VC(DRIVER)=50mA
0.45
0.7
V
DC Current Gain (Note)
GI (DC)
ISW=1.0A, VCE=5.0V, TA=25°C
50
180
Collector Off State Current (Note)
IC(OFF)
VCE=40.0V, TA=25°C
0.01
100
μA
COMPARATOR
Threshold Voltage
VTHD
1.21
1.25
1.29
V
Threshold Voltage Line Regulation
VTHD
VCC=3 ~ 40V
2.0
5.0
mV
Input Bias Current
II(BIAS)
VIN=0V
50
400
nA
TOTAL DEVICE
Supply Current
ICC
VCC=5~40V, CT=0.001
V7=VCC, VC>VTHD, Pin2=GND
2.7
4.0
mA
Note: Output switch tests are performed under pulsed conditions to minimize power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com