Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3552G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC3552G-S08-R
Description  PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3552G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC3552G-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3552G-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3552G-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3552G-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3552G-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3552G-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3552G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
UC3552
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R502-134.C
PWM DC-DC CON V ERT ER
WI T H I N T ERN AL SWI T CH AN D
SOFT -ST ART
DESCRI PT I ON
The UTC UC3552 is a step-up PWM DC-DC converter with a
internal switch which is 1.6A, 0.23
Ω. UTC UC3552 offers users
flexibility in determining loop dynamics and adjusting operating
frequency cause it’s equipped with an external compensation
pin ,and it also allows the use of small, low equivalent resistance
(ESR) ceramic output capacitors. UTC UC3552 is capable of
converting a standard input of 3.3V to multiple outputs of 8V,
− 8V ,
and 23V. Otherwise, filtering and loop performance are enhanced
and facilitated by a high switching frequency of either 640 kHz
or1.3MHz.
As a power-smart design in shutdown mode a soft-start with an
external capacitor that sets the input current ramp rate, reduces the
current consumption to 0.1
μA. A mere 2.6V input yields an
impressive output voltage to 12V when operating.
FEAT U RES
* 1.6A, 0.23
Ω, internal switch
* High efficiency: 90%
* Adjustable output: VDD to 12V
* Adjustable frequency: 640kHz or 1.3MHz
* Wide input range: +2.6V ~ +5.5V
* Low shutdown current: 0.1
μA
* Programmable soft-start
ORDERI N G I N FORM AT I ON
Ordering Number
Package
Packing
UC3552G-S08-R
SOP-8
Tape Reel
UC3552G-SM1-R
MSOP-8
Tape Reel


Similar Part No. - UC3552G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3552G-S08-R UTC-UC3552G-S08-R Datasheet
216Kb / 7P
PWM DC-DC CONVERTER
More results

Similar Description - UC3552G-S08-R

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1946 LINER-LT1946 Datasheet
266Kb / 12P
1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102 Datasheet
609Kb / 18P
ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
V 1.0
AAT1102 AAT-AAT1102_5 Datasheet
620Kb / 18P
ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
V5.0
logo
Linear Technology
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
logo
Unisonic Technologies
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Linear Technology
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A_15 Datasheet
323Kb / 12P
2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3580 LINER-LT3580_15 Datasheet
300Kb / 28P
Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com