Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3552G-SM1-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UC3552G-SM1-R
Description  PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3552G-SM1-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UC3552G-SM1-R Datasheet HTML 1Page - Unisonic Technologies UC3552G-SM1-R Datasheet HTML 2Page - Unisonic Technologies UC3552G-SM1-R Datasheet HTML 3Page - Unisonic Technologies UC3552G-SM1-R Datasheet HTML 4Page - Unisonic Technologies UC3552G-SM1-R Datasheet HTML 5Page - Unisonic Technologies UC3552G-SM1-R Datasheet HTML 6Page - Unisonic Technologies UC3552G-SM1-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
UC3552
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
7 of 7
www.unisonic.com.tw
QW-R502-134.C
M U LT I PLE-OU T PU T T FT LCD POWER SU PPLY
UTC UC3552
SHDN
EO
SS
IN
FREQ
SW
VDD
GND
L1
D1
C3
C4
V1
D2
D3
V2
V3
D4
C1
C2
VDD
C5
6.8
μH
0.47
μF
3.3
μF
3.3
μF
3.3
μF
3.3
μF
+26V
5mA
1
μF
1
μF
0.1
μF
0.1
μF
1
μF
3.3
μF
274k
Ω
44.2k
Ω
18pF
150k
Ω
27nF
3.0V ~ 3.6V
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com