Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05206G-SH2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UD05206G-SH2-R
Description  2.0A, LOW NOISE 1.5MHz SYNCHRONOUS STEP-DOWN CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05206G-SH2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UD05206G-SH2-R Datasheet HTML 1Page - Unisonic Technologies UD05206G-SH2-R Datasheet HTML 2Page - Unisonic Technologies UD05206G-SH2-R Datasheet HTML 3Page - Unisonic Technologies UD05206G-SH2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UD05206
Advance
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
2 of 4
www.unisonic.com.tw
QW-R115-018.b
PI N CON FI GU RAT I ON
1
EN
2
VCC
3
AVCC
8 GND
7 GND
6 SW
5 AGND
FB/VOUT 4
GND
PI N DESCRI PT I ON
PIN NO.
PIN NAME
DESCRIPTION
1
EN
Enable / UVLO
2
VCC
Supply Voltage
3
AVCC
Analog Supply Voltage
4
FB/VOUT
Feedback
5
AGND
Analog Ground
6
SW
Switch
7, 8
GND
Ground
BLOCK DI AGRAM
SW
1
EN
3
AVCC
2
VCC
4
FB/VOUT
5
AGND
GND
6
+
-
Error
Amp.
+
-
Current
Comp.
OSC
Slope
Comp
Enable/
UVLO
0.6V/
VREF
S
R
Q
Q
SR Latch
+
Switching
Control
Logic
Anti Shoot-
Thru
+
-
Current
Sensing
Reverse
Current
Detector
7/8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com