Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSRB03G-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UPSRB03G-AF5-R
Description  HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSRB03G-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UPSRB03G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UPSRB03G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UPSRB03G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UPSRB03G-AF5-R Datasheet HTML 4Page - Unisonic Technologies UPSRB03G-AF5-R Datasheet HTML 5Page - Unisonic Technologies UPSRB03G-AF5-R Datasheet HTML 6Page - Unisonic Technologies UPSRB03G-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
UPSRB03
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R129-020.a
H I GH PRECI SI ON CC/CV
PRI M ARY SI DE SWI T CH I N G
REGU LAT OR
DESCRI PT I ON
The UTC UPSRB03 is a primary control unit for switch mode
charger and adapter applications. The controlled variable is
transferred by an auxiliary winding from the secondary to the
primary side. The device uses multi-mode operations to achieve
high performance and high efficiency. Device operations in PFM
in CC mode at large load condition and it operates in PWM with
frequency reduction at light/medium load which can cancel audio
noise.
The UTC UPSRB03 operates in primary-side sensing and
regulation. Opto-coupler and TL431 could be eliminated. It also
eliminates the need of loop compensation circuitry while
maintaining stability.
The UTC UPSRB03 achieves high precision CV/CC regulation
and high power efficiency. It offers comprehensive protection
coverage with auto-recovery features including Cycle-by-cycle
current limiting, output over voltage protection, VDD over voltage
protection, feedback loop open protection, short circuit protection,
leading edge blanking, VDD under voltage lockout, etc.
FEAT U RES
* Multi-Mode control for cancel audio noise
* ±5% constant voltage regulation at universal AC input
* Primary side control without TL431 and opto-coupler
* High precision constant current regulation at universal AC input
* Programmable CV and CC regulation
* Eliminates control loop compensation circuitry
* Flyback topology in DCM operation
* Driver BJT switch
* Built-in Line CC compensation
* Built-in leading edge blanking
* Driver soft start
* Built-in primary winding inductance
compensation
* Open circuit protection
* Output over voltage protection
* VDD over voltage protection
* Short circuit protection
ORDERI N G I N FORM AT I ON
Ordering Number
Package
Packing
UPSRB03G-AF5-R
SOT25
Tape Reel
UPSRB03G-AF5-R
(1)Packing Type
(2)Package Type
(3)Green Package
(1) R: Tape Reel
(2) AF5: SOT-25
(3) G: Halogen Free and Lead Freee


Similar Part No. - UPSRB03G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPSRB01 UTC-UPSRB01 Datasheet
200Kb / 6P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB01A UTC-UPSRB01A Datasheet
226Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB01AG-AG6-R UTC-UPSRB01AG-AG6-R Datasheet
226Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB01B UTC-UPSRB01B Datasheet
226Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB01BG-AG6-R UTC-UPSRB01BG-AG6-R Datasheet
226Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
More results

Similar Description - UPSRB03G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPSR100 UTC-UPSR100 Datasheet
170Kb / 6P
HIGH PRECISION CC/CV PRIMARY SIDE REGULATOR
UPSR1103 UTC-UPSR1103 Datasheet
201Kb / 8P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UC1103 UTC-UC1103 Datasheet
235Kb / 9P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB01 UTC-UPSRB01 Datasheet
200Kb / 6P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB01A UTC-UPSRB01A Datasheet
226Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB01B UTC-UPSRB01B Datasheet
226Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB02 UTC-UPSRB02 Datasheet
213Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB02 UTC-UPSRB02_16 Datasheet
160Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB04 UTC-UPSRB04 Datasheet
173Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
TC6520 FUMAN-TC6520 Datasheet
237Kb / 4P
High precision CC/CV primary side controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com