Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSRB04G-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UPSRB04G-AF5-R
Description  HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSRB04G-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UPSRB04G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UPSRB04G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UPSRB04G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UPSRB04G-AF5-R Datasheet HTML 4Page - Unisonic Technologies UPSRB04G-AF5-R Datasheet HTML 5Page - Unisonic Technologies UPSRB04G-AF5-R Datasheet HTML 6Page - Unisonic Technologies UPSRB04G-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
UPSRB04
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R129-033.a
H I GH PRECI SI ON CC/CV
PRI M ARY SI DE SWI T CH I N G
REGU LAT OR
DESCRI PT I ON
The UTC UPSRB04 is a primary control unit for switch mode
charger and adapter applications. The controlled variable is
transferred by an auxiliary winding from the secondary to the
primary side. The device uses Pulse Frequency Modulation (PFM)
method to build discontinuous conduction mode (DCM) flyback
power supplies.
The UTC UPSRB04 operates in primary-side sensing and
regulation. Opto-coupler and TL431 could be eliminated. It also
eliminates
the
need
of
loop
compensation
circuitry
while
maintaining stability.
The UTC UPSRB04 achieves high precision CV/CC regulation
and high power efficiency. It offers comprehensive protection
coverage with auto-recovery features including Cycle-by-cycle
current limiting, output over voltage protection, VDD over voltage
protection, feedback loop open protection, short circuit protection,
leading edge blanking, OTP, VDD under voltage lockout, etc.
FEAT U RES
* ±5% constant voltage regulation at universal AC input
* Primary side control without TL431 and opto-coupler
* High precision constant current regulation at universal AC input
* Programmable CV and CC regulation
* Eliminates control loop compensation circuitry
* Flyback topology in DCM operation
* Random frequency modulation to reduce system EMI
* Driver BJT switch
* Programmable cable drop compensation
* Built-in leading edge blanking
* Built-in primary winding inductance
compensation
* Open circuit protection
* Output over voltage protection
* VDD over voltage protection
* Short circuit protection
* Over temperature protection
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
UPSRB04L-AF5-R
UPSRB04G-AF5-R
SOT-25
Tape Reel


Similar Part No. - UPSRB04G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPSRB01 UTC-UPSRB01 Datasheet
200Kb / 6P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB01A UTC-UPSRB01A Datasheet
226Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB01AG-AG6-R UTC-UPSRB01AG-AG6-R Datasheet
226Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB01B UTC-UPSRB01B Datasheet
226Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB01BG-AG6-R UTC-UPSRB01BG-AG6-R Datasheet
226Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
More results

Similar Description - UPSRB04G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UPSR100 UTC-UPSR100 Datasheet
170Kb / 6P
HIGH PRECISION CC/CV PRIMARY SIDE REGULATOR
UPSR1103 UTC-UPSR1103 Datasheet
201Kb / 8P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UC1103 UTC-UC1103 Datasheet
235Kb / 9P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB01 UTC-UPSRB01 Datasheet
200Kb / 6P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB01A UTC-UPSRB01A Datasheet
226Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB01B UTC-UPSRB01B Datasheet
226Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB02 UTC-UPSRB02 Datasheet
213Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB02 UTC-UPSRB02_16 Datasheet
160Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB03 UTC-UPSRB03 Datasheet
164Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
TC6520 FUMAN-TC6520 Datasheet
237Kb / 4P
High precision CC/CV primary side controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com