Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USRB04L-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # USRB04L-S08-R
Description  HIGH PRECISION PRECISION LOW POWER SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USRB04L-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  USRB04L-S08-R Datasheet HTML 1Page - Unisonic Technologies USRB04L-S08-R Datasheet HTML 2Page - Unisonic Technologies USRB04L-S08-R Datasheet HTML 3Page - Unisonic Technologies USRB04L-S08-R Datasheet HTML 4Page - Unisonic Technologies USRB04L-S08-R Datasheet HTML 5Page - Unisonic Technologies USRB04L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
USRB04
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
5 of 6
www.unisonic.com.tw
W-3-
.a
OPERAT I ON DESCRI PT I ON
USRB04
is a cost effective PWM power switch optimized for off-line non-isolated buck or buk-boost applications
for small home appliances and linear regulator replacement. It operates in current mode and regulates output
voltage with dedicated features. High integration can afford low cost and component count solution.
Startup Current and Start up Control
Startup current of USRB04 is designed to be very low so that VDD could be charged up above UVLO threshold and
starts up quickly. A large value startup resistor can therefore be used to minimize the power loss in application.
Operating Current
The Operating current of USRB04 is as low as 1.2mA (typical). Good efficiency is achieved with the low operation
current together with ‘Multi-mode’ control features.
PWM operation
The maximum switching frequency of USRB04 is internally fixed at 40KHz (typical). No external frequency setting
components are required for PCB design simplification.
At light load or zero load condition, most of the power dissipation in a switching mode power supply is from
switching loss on the BJT. The magnitude of power loss is in proportion to the switching frequency. Lower switching
frequency leads to the reduction on the power loss and thus conserves the energy. The frequency reduction and
burst mode operation are implemented to achieve high efficiency at light load. The minimum switching frequency is
20KHz (typical).
Frequency shuffling fro EMI improvement
The frequency shuffling (switching frequency modulation) is implemented in USRB04. The oscillation frequency is
modulated so that the tone energy is spread out. The spread spectrum minimizes the conduction band EMI and
therefore eases the system design.
Soft Start
USRB04
features an internal 256 cycles (typical) soft start to soften the electrical stress occurring in the power
supply during startup. It is activated during the power on sequence. After VDD reaches UVLO(OFF), the switching
frequency is gradually increased from 10KHz to 40 KHz. Every restart up is followed by a soft start.
Current Sensing and Leading Edge Blanking
Cycle-by-Cycle current limiting is offered in USRB04 current mode PWM control. The switch current is detected by
a sense resistor into the CS pin. An internal leading edge blanking circuit chops off the sensed voltage spike at initial
internal BJT on state so that the external RC filtering on sense input is no longer needed. The PWM duty cycle is
determined by the current sense input voltage and the EA output voltage.
Constant Power Operation Mode
Along with the increase of output current, the inductance current is up to the VTHOC threshold. With the increase in
output current, output voltage declines with output power is kept in a about constant level. This is suitable for peak
current application.
Base Driver
The driver is a push pull stage with supply voltage VDD. It provides the driving current for the external power bipolar
transistor. The sourcing current is limited to lS_MAX (typical 90mA).
Protection Control
Good power supply system reliability is achieved with its rich protection features including cycle-by-cycle current
limiting, output short circuit protection, FB pin open loop protection, on-chip Over Temperature Protection (OTP), VDD
Over Voltage Protection (OVP), and VDD Under Voltage Lockout Protection (UVLO).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com