Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USRB04G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # USRB04G-S08-R
Description  HIGH PRECISION PRECISION LOW POWER SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USRB04G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  USRB04G-S08-R Datasheet HTML 1Page - Unisonic Technologies USRB04G-S08-R Datasheet HTML 2Page - Unisonic Technologies USRB04G-S08-R Datasheet HTML 3Page - Unisonic Technologies USRB04G-S08-R Datasheet HTML 4Page - Unisonic Technologies USRB04G-S08-R Datasheet HTML 5Page - Unisonic Technologies USRB04G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
USRB04
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2018 Unisonic Technologies Co., Ltd
W-
3-
.a
H I GH PRECI SI ON PRECI SI ON
LOW POWER SWI T CH
DESCRI PT I ON
USRB04
is a high performance, high precision and low cost
PWM Power switch for non-isolated buck and buck-boost
application.
It combines a dedicated current mode PWM
controller with a high voltage power Bipolar in SOP8 package. Its
built-in error amplifier is optimized for good overshoot and
dynamic response for low cost and component count. With
precise inner resistor divider, precise reference of EA, constant
voltage regulation of 5.0V at universal AC input can be
guaranteed. Frequency reduction and burst mode control is
implemented for high efficiency at light load. Good EMI
performance is achieved with On-Bright proprietary frequency
shuffling technique and soft base driver design. Low startup
current and low operating current contribute to a reliable power
on startup and low standby power consumption with USRB04.
Constant power operation is supported at over load application
with USRB04, which makes it suitable for small home appliance
application where instant large power consumption is required
such as start-up of a fan.
USRB04
offers power on soft start control and protection
coverage with auto-recovery features including cycle-by-cycle
current limiting, output short circuit protection, FB pin open loop
protection, on-chip Over Temperature Protection (OTP), VDD
Over Voltage Protection (OVP) and VDD Under Voltage Lockout
Protection (UVLO). The tone energy at below 20KHz is minimized
in the design so that audio noise is eliminated during operation.
FEAT U RES
* Universal AC input range and 5.0V output voltage
* Constant power mode operation at over load application
* Low cost and less BOM for buck and buck-boost applications
* 40kHz (typical) maximum switching frequency
* Frequency shuffling for EMI improvement
* Power on soft-start
* Built-in Leading Edge Blanking(LEB)
* Cycle-by-cycle current limiting
* FB pin open loop protection
* Output short-circuit protection
* VDD Under Voltage Lockout with Hysteresis
* VDD OVP
* On-Chip OTP
* LED Lighting System
SOP-8


Similar Part No. - USRB04G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USRB01 UTC-USRB01 Datasheet
199Kb / 7P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USRB01 UTC-USRB01 Datasheet
141Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCH
USRB01A UTC-USRB01A Datasheet
218Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCH
USRB01AG-S08-R UTC-USRB01AG-S08-R Datasheet
218Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCH
USRB01G-S08-R UTC-USRB01G-S08-R Datasheet
199Kb / 7P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
More results

Similar Description - USRB04G-S08-R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-97 AD-OP-97 Datasheet
470Kb / 10P
LOW POWER, HIGH PRECISION OPERATIONAL AMPLIFIER
OP97 AD-OP97 Datasheet
363Kb / 12P
Low-Power, High-Precision Operational Amplifier
logo
Infineon Technologies A...
TLE4966H INFINEON-TLE4966H Datasheet
180Kb / 11P
High Precision Hall-Effect Switch
2003-11-20
logo
Analog Devices
OP97 AD-OP97_07 Datasheet
616Kb / 16P
Low Power, High Precision Operational Amplifier
Rev. F
logo
Omron Electronics LLC
D5F-2B34C-Y OMRON-D5F-2B34C-Y Datasheet
55Kb / 6P
High-Precision Optical Switch
logo
Unisonic Technologies
US2651 UTC-US2651 Datasheet
216Kb / 6P
HIGH PRECISION LOW COST MCM POWER SWITCH
USL250X UTC-USL250X Datasheet
232Kb / 8P
HIGH PRECISION NON-ISOLATED POWER SWITCH
logo
Shenzhen Huazhimei Semi...
HM2720 HMSEMI-HM2720 Datasheet
1Mb / 11P
High precision, high efficiency, low cost offline power switch
logo
First Silicon Co., Ltd
FC6261 FS-FC6261 Datasheet
1Mb / 11P
Precision Power Distribution Switch
logo
Texas Instruments
TMAG5131-Q1 TI-TMAG5131-Q1 Datasheet
1Mb / 29P
TMAG5131-Q1 Automotive Low-Power, High-Precision, Hall Effect Switch
APRIL 2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com