Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0128 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM0128
Description  UM0128
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0128 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM0128 Datasheet HTML 3Page - STMicroelectronics UM0128 Datasheet HTML 4Page - STMicroelectronics UM0128 Datasheet HTML 5Page - STMicroelectronics UM0128 Datasheet HTML 6Page - STMicroelectronics UM0128 Datasheet HTML 7Page - STMicroelectronics UM0128 Datasheet HTML 8Page - STMicroelectronics UM0128 Datasheet HTML 9Page - STMicroelectronics UM0128 Datasheet HTML 10Page - STMicroelectronics UM0128 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
UM0128 - USER MANUAL
7/21
3 - STATUS BITS
The Status Bits allow you to know the information coming from the device status register.
Figure 3 : STATUS BITS
Table 1 : Meaning of status bits in the 1.1. data records
G.R.
Name
Meaning of status bit value 0
Meaning of status bit value 1
0
BIL
no load condition not detected
no load condition detected
1BCF
both
∆Σ signals alive
one or both
∆Σ signals stacked
2BFR
fCLKOUT/2
17 < f(u) < f
CLKOUT/2
15
f(u) out of limits
3
BIT
tamper is not detected
tamper is detected
4
MUX
selected primary current channel
selected secondary current channel
5
LIN
positive half period of u
negative half period of u
6
PIN
output pins follow data
at least one pin differs from data
7
HLT
data are valid
retarded restart in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com