Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT3060 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # SCT3060
Description  isc N-Channel SiC SMOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SCT3060 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  SCT3060 Datasheet HTML 1Page - Inchange Semiconductor Company Limited SCT3060 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel SiC SMOSFET Transistor
SCT3060
·
FEATURES
·
Static drain-source on-resistance:
RDS(on)≤78mΩ
·
Fast switching speed
·
Fast reverse recovery
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
·
DESCRITION
·
DC/DC converters
·
Switch mode power supplies
·
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
650
V
VGS
Gate-Source Voltage
-4~22
V
ID
Drain Current-Continuous
39
A
IDM
Drain Current-Single Pulsed
97
A
PD
Total Dissipation @TC=25℃
165
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃
·
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth(j-c)
Channel-to-case thermal resistance
0.75
℃
/W


Similar Part No. - SCT3060

ManufacturerPart #DatasheetDescription
logo
Rohm
SCT3060AL ROHM-SCT3060AL Datasheet
736Kb / 14P
N-channel SiC power MOSFET
SCT3060AR ROHM-SCT3060AR Datasheet
932Kb / 13P
N-channel SiC power MOSFET
31.Jul.2019 - Rev.001
SCT3060ARC14 ROHM-SCT3060ARC14 Datasheet
932Kb / 13P
N-channel SiC power MOSFET
31.Jul.2019 - Rev.001
SCT3060ARHR ROHM-SCT3060ARHR Datasheet
1Mb / 17P
Automotive Grade N-channel SiC power MOSFET
9.Nov.2022 - Rev.002
SCT3060AW7 ROHM-SCT3060AW7 Datasheet
1Mb / 14P
N-channel SiC power MOSFET
More results

Similar Description - SCT3060

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
GA100JT12 ISC-GA100JT12 Datasheet
540Kb / 4P
isc N-Channel Transistor
2023-9-26
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com