Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC5700 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VC5700
Description  UXGA Resolution Digital Video CMOS Image Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VC5700 Datasheet(HTML) 1 Page - STMicroelectronics

  VC5700 Datasheet HTML 1Page - STMicroelectronics VC5700 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA BRIEF
October 2004
VC5700/VC6700
UXGA Resolution Digital Video CMOS Image Sensor
Rev. 1
FEATURES
■ 1600 x 1200 resolution (2 megapixel)
■ 1/2 inch format lens compatible
■ 3V3 supply
■ I2C control
■ On board 10 bit ADC
■ On board audio pre-amplifier
■ SLEEP mode (RESET pin Hi)
■ On board 1.8V voltage regulator allows system
implementation with single 3.3V power supply
Video formats
The primary video output format of the VC700 is:
■ 1612 x 1208 raw bayer video @ 20fps
User programmable line and frame format capabil-
ity allows other formats, for example:
■ Window of interest SVGA mode - 800 x 600
image size (40fps)
■ SubSampled FFOV SVGA mode (40fps)
Digital Interface
The main features of the digital interface to the
sensor are:
■ 48 MHz input clock
■ 10-wire output video data bus
■ 3 sync. pins (pixel clock, line sync and frame
sync).
■ A 2-wire I2C interface for controlling the
operation of the sensor
Image processing
The sensor includes capability to perform:
■ Dark calibration
■ FPN correction
■ Defect correction
APPLICATIONS
■ Digital Still Cameras
■ Barcode Reading
TECHNICAL SPECIFICATIONS
PART NUMBERING
Table 1. Order Codes
Image size
1612 x 1208 (Raw Bayer)
1600 x 1200 (After color proc.
in coprocessor)
Pixel size
4
µm x 4µm
Array size
6.48mm x 4.864mm
Exposure range
(controlled
externally)
2.5µs to 50ms (@20fps)
(longer with slower frame
rates)
Max Frame rate
(UXGA format)
20fps
Clock frequency
48MHz (single-ended)
Output format
10 bit parallel
Output data rate
48MHz (UXGA)
24MHz (SVGA)
Analogue gain
0-24 dB
Signal/Noise ratio
41dB
Supply voltage
3.3V nominal (3.15V to 3.6V)
Supply current
(20fps UXGA)
Digital
Analog
Active
50mA
20mA
Sleep
< 150uA (no clk)
Operating
temperature
0oC - 40oC
Package type
48CLCC
Part Number
Description
VC5700V048
Monochrome sensor
VC6700V048
Bayer colorised sensor


Similar Part No. - VC5700

ManufacturerPart #DatasheetDescription
logo
France Joint
VC5 FRANCEJOINT-VC5 Datasheet
282Kb / 4P
SHAFT SEALS WITH A TYPE 5 STOP
logo
New Jersey Semi-Conduct...
VC50 NJSEMI-VC50 Datasheet
528Kb / 1P
HIGH VOLTAGE DIFFUSED SILICON POWER RECTIFIERS
logo
DFI Inc
VC500-CMS DFI-VC500-CMS Datasheet
1Mb / 6P
10th Gen Intel® Processors In-vehicle System
VC500-CMS-10G-Q DFI-VC500-CMS-10G-Q Datasheet
1Mb / 6P
10th Gen Intel® Processors In-vehicle System
VC500-CMS-10G-W-X127 DFI-VC500-CMS-10G-W-X127 Datasheet
1Mb / 6P
10th Gen Intel® Processors In-vehicle System
More results

Similar Description - VC5700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM200E ETC1-ICM200E Datasheet
679Kb / 32P
Megapixel (UXGA) Digital Color CMOS Image Sensor
logo
ON Semiconductor
AR0130 ONSEMI-AR0130 Datasheet
1Mb / 53P
CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
AR0330 ONSEMI-AR0330 Datasheet
2Mb / 77P
CMOS Digital Image Sensor
Rev. U Pub. 4/15 EN
MT9D015 ONSEMI-MT9D015 Datasheet
1Mb / 75P
CMOS Digital Image Sensor
Rev. M Pub. 4/15 EN
MT9D115 ONSEMI-MT9D115 Datasheet
1Mb / 66P
CMOS Digital Image Sensor
Rev. E Pub. 4/15 EN
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
MT9M021 ONSEMI-MT9M021 Datasheet
866Kb / 34P
CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9P001 ONSEMI-MT9P001 Datasheet
1Mb / 48P
CMOS Digital Image Sensor
Rev. L 4/15 EN
AR0833 ONSEMI-AR0833_17 Datasheet
410Kb / 43P
CMOS Digital Image Sensor
March, 2017 ??Rev. 10
logo
ams AG
CMV300 AMSCO-CMV300 Datasheet
1Mb / 56P
VGA resolution CMOS image sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com