Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8545BGLF Datasheet(PDF) 14 Page - Integrated Device Technology

Part # ICS8545BGLF
Description  LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8545BGLF Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button ICS8545BGLF Datasheet HTML 7Page - Integrated Device Technology ICS8545BGLF Datasheet HTML 8Page - Integrated Device Technology ICS8545BGLF Datasheet HTML 9Page - Integrated Device Technology ICS8545BGLF Datasheet HTML 10Page - Integrated Device Technology ICS8545BGLF Datasheet HTML 11Page - Integrated Device Technology ICS8545BGLF Datasheet HTML 12Page - Integrated Device Technology ICS8545BGLF Datasheet HTML 13Page - Integrated Device Technology ICS8545BGLF Datasheet HTML 14Page - Integrated Device Technology ICS8545BGLF Datasheet HTML 15Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
2016© Integrated Device Technology, Inc.
Revision E, January 5, 2016
8545 Datasheet
Revision History Sheet
Rev
Table
Page
Description of Change
Date
A
T4C
4
In the VOL row, 1.06 has been moved to the Typical column from the maximum column.
9/21/01
A
3
Revised Figure 1, CLK_EN Timing Diagram.
10/17/01
A
3
Revised Figure 1, CLK_EN Timing Diagram.
11/2/01
B
4C
1
4
8-9
Features - deleted bullet "Designed to meet or exceed the requirements of
ANSI TIA/EIA-644"
LVDS Table - changed VOD typical value from 350mV to 280mV.
Updated LVDS diagrams.
9/19/02
C
T2
2
4
8
Pin Characteristics - changed CIN 4pF max. to 4pF typical.
Absolute Maximum Ratings - changed Output Rating.
Added LVDS Driver Termination section.
Updated format throughout data sheet.
1/5/04
C
T8
1
8
11
Features Section - added Lead-Free bullet.
Added Recommendations for Unused Input and Output Pins.
Ordering Information Table - added lead-free part number, marking and note.
1/17/06
D
T5
1
5
6
11
Features Section - added Additive Phase Jitter bullet.
AC Characteristics Table - added Additive Phase Jitter spec.
Added Additive Phase Jitter Plot.
Added Power Considerations section.
5/31/07
D
T9
13
Remove leaded orderable parts from Ordering Information table
11/15/12
E
T9
1
1
11
13
General Description - deleted HiperClocks logo and reference in first paragraph.
Features Section - last bullet, deleted leaded reference.
Power Considerations/Junction Temperature - deleted HiperClocks reference.
Ordering Information Table - deleted Tape & Reel count.
Deleted “ICS” prefix from part number throughout the datasheet.
Updated header/footer.
1/5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com