Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB340 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FUSB340
Description  USB 3.1 SuperSpeed 10 Gbps Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB340 Datasheet(HTML) 5 Page - ON Semiconductor

  FUSB340 Datasheet HTML 1Page - ON Semiconductor FUSB340 Datasheet HTML 2Page - ON Semiconductor FUSB340 Datasheet HTML 3Page - ON Semiconductor FUSB340 Datasheet HTML 4Page - ON Semiconductor FUSB340 Datasheet HTML 5Page - ON Semiconductor FUSB340 Datasheet HTML 6Page - ON Semiconductor FUSB340 Datasheet HTML 7Page - ON Semiconductor FUSB340 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB340 • Rev. 2
5
www.onsemi.com
AC Electrical Characteristics
All typical value are for VDD =3.6 V and TA=25°C unless otherwise specified.
Symbol
Parameter
Condition
VDD
(V)
TA= -40ºC to +85ºC
Unit
Min.
Typ.
Max.
tON
Turn-On Time, S to Output
RL=50 Ω, CL=0 pF, VSW=0 V,
VSW=0.6 V
1.5 to
5.0 V
350
600
ns
tOFF
Turn-Off Time, S to Output
RL=50 Ω, CL=0 pF, VSW=0 V,
VSW=3.3 V
1.5 to
5.0 V
125
300
ns
tZHM,ZL
Enable Time,
/OE to Output
RL=50 Ω, CL=0pF, VSW=0.6 V
1.5 to
5.0 V
60
150
µs
tLZM,HZ
Disable Time,
/OE to Output
RL=50 Ω, CL=0 pF, VSW=0.6 V
1.5 to
5.0 V
35
240
ns
tPD
Propagation Delay(5)
CL=, CL=0 pF, RL=50 Ω,
1.5 to
5.0 V
60
ps
tBBM
Break-Before-Make(5)
RL=50 Ω, CL=0 pF,
VSW1=0.6 V,VSW2= -0.6 V,
1.5 to
5.0 V
100
350
ns
DOIRR
Differential Off Isolation(5)
VS=0dBm, RL=50 Ω, f=2.5 GHz
3.6 V
-28
dB
VS=0dBm, RL=50 Ω, f=5.0 GHz
-25
SDDNEXT
Differential Channel
Crosstalk(5)
VS=0dBm, R=50 Ω, f=2.5 GHz
3.6 V
-44
dB
VS=0dBm, R=50 Ω, f=5.0 GHz
-40
DIL
Differential Insertion Loss(5)
(All Data Paths)
VIN=0dBm, f=2.5 GHz, RL=50 Ω,
CL=0 pF
3.6 V
-1.0
dB
VIN=0dBm, f=5.0 GHz, RL=50 Ω,
CL=0 pF
-1.8
BW
Differential
-3 dB Bandwidth(5)
VIN=1 Vpk-pk, RL=50 Ω, CL=0 pF,
(Both Data Paths)
3.6 V
10
GHz
tSK(P)
Skew of Opposite Transitions
of the Same Output(5)
RPU=50
to VDD, CL=0 pF
3.6 V
6
ps
CIN
Control Pin Input
Capacitance (5)
VDD=0 V, f=1 MHz
2.7
pF
CON
On Capacitance (5)
VDD=3.3 V, f=2.5 GHz
0.5
pF
COFF
Off Capacitance (5)
VDD=3.3 V, f=2.5 GHz
0.4
pF
Note:
5.
Guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com