Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSUSB31L8X Datasheet(PDF) 13 Page - ON Semiconductor

Part # FSUSB31L8X
Description  Low-Power, Single-Port, High-Speed USB 2.0 Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB31L8X Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FSUSB31L8X Datasheet HTML 8Page - ON Semiconductor FSUSB31L8X Datasheet HTML 9Page - ON Semiconductor FSUSB31L8X Datasheet HTML 10Page - ON Semiconductor FSUSB31L8X Datasheet HTML 11Page - ON Semiconductor FSUSB31L8X Datasheet HTML 12Page - ON Semiconductor FSUSB31L8X Datasheet HTML 13Page - ON Semiconductor FSUSB31L8X Datasheet HTML 14Page - ON Semiconductor FSUSB31L8X Datasheet HTML 15Page - ON Semiconductor FSUSB31L8X Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB31 Rev. 1.1.0
12
Physical Dimensions (Continued)
Figure 23. 8-Lead MicroPak, 1.6mm Wide
For MicroPak™ tape and reel specifications, please visit Fairchild’s website:
http://www.fairchildsemi.com/products/logic/pdf/micropak_tr.pdf.
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specif-
ically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
(0.09)
(0.1)
(0.2)
1.6
2X
0.05
0.00
1.6
2X
C
0.05 C
4
3. DRAWING CONFORMS TO ASME Y.14M-1994
2. DIMENSIONS ARE IN MILLIMETERS
1. PACKAGE CONFORMS TO JEDEC MO-255 VARIATION UAAD
BOTTOM VIEW
4. PIN 1 FLAG, END OF PACKAGE OFFSET
MAC08AREV4
1
23
5
6
7
8
Notes:
8X
0.25
0.35
3X
8X
1.0
4
0.5
8X
0.25
0.15
0.10
C A B
0.05
C
0.10 C
TOP VIEW
INDEX AREA
B
Recommended Landpattern
A
0.10 C
0.55 MAX
0.05 C
DETAIL A
0.35
0.25
(0.15)
(0.20)
0.35
0.25
DETAIL A
PIN #1 TERMINAL
SCALE: 2X
5. DRAWING FILE NAME: MKT-MAC08AREV4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com