Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1009A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SA1009A
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1009A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA1009A Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1009A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistor
2SA1009A
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= -0.3A; IB= -0.06A, L=1mH
-400
V
VCEX(SUS)-1
Collector-Emitter Sustaining Voltage
IC= -0.3A; IB1=-IB2= -0.06A,
L=180μH, clamped
-400
V
VCEX(SUS)-2
Collector-Emitter Sustaining Voltage
IC= -0.6A; IB1= -0.2A; -IB2= 0.06A,
L= 180μH, clamped
-400
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -0.3A; IB= -0.06A
-1
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= -0.3A; IB= -0.06A
-1.2
V
ICBO
Collector Cutoff Current
VCB= -400V; IE= 0
-10
μ
A
ICER
Collector Cutoff Current
VCE= -400V ;RBE= 51Ω,Ta=125℃
-1.0
mA
ICEX
Collector Cutoff Current
VCE= -400V; VBE(off)= -1.5V
VCE= -400V; VBE(off)= -1.5V,
Ta=125℃
-10
-1.0
μ
A
mA
IEBO
Emitter Cutoff Current
VEB= -5.0V; IC= 0
-10
μ
A
hFE-1
DC Current Gain
IC= -0.1A; VCE= -5V
20
200
hFE-2
DC Current Gain
IC= -0.3A; VCE= -5V
10
hFE-1 Classifications
M
L
K
J
H
20-40
30-60
40-80
60-120
100-200



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com