Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC10F150S Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISC10F150S
Description  Damper diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISC10F150S Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISC10F150S Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISC10F150S Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
Damper diode
ISC10F150S
FEATURES
·
High speed recovery
·
Low forward voltage
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Suitable for damper diode in horizontal deflection circuits.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
1500
V
IF(AV)
Average Rectified Forward Current
10
A
IFSM
Nonrepetitive Peak Surge Current@45℃
(Surge applied at rated load conditions half-
wave, single phase, 60Hz)
100
A
TJ
Junction Temperature
-40~150
Tstg
Storage Temperature Range
-40~150


Similar Part No. - ISC10F150S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC1008 VISHAY-ISC1008 Datasheet
127Kb / 3P
Wirewound, Surface Mount, Shielded Inductor
10-Aug-06
ISC1008ER100M VISHAY-ISC1008ER100M Datasheet
399Kb / 3P
Surface Mount Wirewound Shielded Inductor
10-Aug-06
ISC1008ER100M VISHAY-ISC1008ER100M Datasheet
127Kb / 3P
Wirewound, Surface Mount, Shielded Inductor
10-Aug-06
logo
Infineon Technologies A...
ISC104N12LM6 INFINEON-ISC104N12LM6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2022-12-13
More results

Similar Description - ISC10F150S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY328 PHILIPS-BY328 Datasheet
52Kb / 7P
Damper diode
1996 Sep 30
BY428 PHILIPS-BY428 Datasheet
52Kb / 7P
Damper diode
1996 Sep 26
logo
Fairchild Semiconductor
FFPF04F150S FAIRCHILD-FFPF04F150S Datasheet
74Kb / 4P
DAMPER DIODE
FFPF04U150S FAIRCHILD-FFPF04U150S Datasheet
75Kb / 4P
DAMPER DIODE
FFPF06F150S FAIRCHILD-FFPF06F150S Datasheet
75Kb / 4P
DAMPER DIODE
FFPF06U150S FAIRCHILD-FFPF06U150S Datasheet
73Kb / 4P
DAMPER DIODE
FFPF10F150S FAIRCHILD-FFPF10F150S Datasheet
75Kb / 4P
DAMPER DIODE
FFPF10U150S FAIRCHILD-FFPF10U150S Datasheet
74Kb / 4P
DAMPER DIODE
FFPF14X150S FAIRCHILD-FFPF14X150S Datasheet
75Kb / 4P
DAMPER DIODE
logo
New Jersey Semi-Conduct...
BY328 NJSEMI-BY328 Datasheet
70Kb / 2P
Damper diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com