Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSF20U100C Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # TSF20U100C
Description  Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TSF20U100C Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  TSF20U100C Datasheet HTML 1Page - Inchange Semiconductor Company Limited TSF20U100C Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
Schottky Barrier Rectifier
TSF20U100C
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
4.0
℃
/W
ELECTRICAL CHARACTERISTICS (Pulse Test: Pulse Width=300μs,Duty Cycle≤1%)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
VF
Maximum Instantaneous Forward Voltage
IF= 10A ; Tc= 25℃
0.79
V
IF= 10A ; Tc= 125℃
0.68
IR
Maximum Instantaneous Reverse Current
VR= VRWM;Tc= 25℃
0.5
mA
VR= VRWM;Tc= 125℃
25



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com