Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UGF8JD Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # UGF8JD
Description  Isolated Ultra Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

UGF8JD Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  UGF8JD Datasheet HTML 1Page - Inchange Semiconductor Company Limited UGF8JD Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
Isolated Ultra Fast Rectifier
UGF8JD
FEATURES
·
Low Forward Voltage
·
High Efficiency
·
Low leakage current
·
High frequency switching power supply
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Be suited as free wheeling or boost diode in continuous mode power
factor correctors and other power switching applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMB
OL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current
(Rated VR -20Khz square wave) -50% duty
cycle
8
A
IFSM
Peak forward surge current ( 8.3 ms single
half sine-wave superimposed on rated load)
100
A
TJ
Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - UGF8JD

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UGF8JD TSC-UGF8JD Datasheet
147Kb / 4P
Isolated Ultra Fast Rectifier
More results

Similar Description - UGF8JD

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UGF1004GA TSC-UGF1004GA Datasheet
221Kb / 3P
Isolated Ultra Fast Rectifiers
logo
Solid States Devices, I...
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
Ultra Fast Rectifier
logo
Taiwan Semiconductor Co...
UGF8J TSC-UGF8J_13 Datasheet
174Kb / 3P
8.0 AMPS Isolated Ultra Fast Rectifier
UGF8JD TSC-UGF8JD Datasheet
147Kb / 4P
Isolated Ultra Fast Rectifier
UGF12J TSC-UGF12J_13 Datasheet
232Kb / 3P
12.0AMPS. Isolated Ultra Fast Rectifiers
UGF1004G TSC-UGF1004G_14 Datasheet
225Kb / 4P
Isolated Ultra Fast Rectifiers
UGF2004G TSC-UGF2004G Datasheet
225Kb / 4P
Isolated Ultra Fast Rectifiers
UGF10L08G TSC-UGF10L08G Datasheet
212Kb / 4P
10A, 600V Isolated Ultra Fast Rectifier
UGF10L08GA TSC-UGF10L08GA Datasheet
211Kb / 4P
10A, 600V Isolated Ultra Fast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com