Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMLP36RGB Datasheet(PDF) 1 Page - Rohm

Part # SMLP36RGB
Description  The smallest class 3 color type LED in the world PICOLEDTM-RGB
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLP36RGB Datasheet(HTML) 1 Page - Rohm

  SMLP36RGB Datasheet HTML 1Page - Rohm SMLP36RGB Datasheet HTML 2Page - Rohm SMLP36RGB Datasheet HTML 3Page - Rohm SMLP36RGB Datasheet HTML 4Page - Rohm SMLP36RGB Datasheet HTML 5Page - Rohm SMLP36RGB Datasheet HTML 6Page - Rohm SMLP36RGB Datasheet HTML 7Page - Rohm SMLP36RGB Datasheet HTML 8Page - Rohm SMLP36RGB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SMLP36RGB Series
Data Sheet
■Features
■Outline
• The smallest class 3 color type LED in the world PICOLEDTM-RGB
• 6pin type
• Low height contributes to the improvement of color mixture
■Size
■Dimensions
■Recommended Solder Pattern
■Specifications
Typ.
IF
Max.
VR
Min.*2
Typ. Max.*2
IF
Min.
Typ.
IF
(V)
(mA)
(µA)
(V)
(nm)
(nm)
(nm)
(mA) (mcd) (mcd) (mA)
2.1
619
624
629
14
35
3.1
520
527
535
56
110
3.0
465
470
475
14
35
*PICOLEDTM is ROHM's pending trademark.
*1 : Duty ≦1/20, Pulse width≦ 1ms *2 : Measurement tolerance:±2nm
AlGaInP
5
5
Green
InGaN
Red
10
50
*1
5
Blue
10
5
IFP(mA) VR(V)
Topr(ºC)
Tstg(ºC)
Power
SMLP36RGB2W (R)
Luminous Intensity IV
Dissipation
Current Current Voltage
PD(mW)
Peak Forward
IF(mA)
PICOLEDTM-RGB
26
-40
〜+100
-40
〜 +85
5
Emitting
Color
Forward
Part No.
Chip Structure
Absolute Maximum Ratings (Ta=25ºC)
Electrical and Optical Characteristics (Ta=25ºC)
Reverse
Operating Temp.
Storage Temp.
Forward Voltage VF Reverse Current IR
Dominant Wavelength
λ
D
Tolerance : ±0.1 (unit : mm)
(unit : mm)
Color
Type
G
R
B
6pin type
1510 (0604)
1.5
×
1.0mm (t=0.2mm)
0.45
0.24
0.24
0.45
0.4
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
1/9
2017.11 - Rev.007


Similar Part No. - SMLP36RGB

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLP36RGB1W ROHM-SMLP36RGB1W Datasheet
120Kb / 2P
Tri-Color Top View 0604 <1.5 1.0 t=0.2mm> High Brightness Type
SMLP36RGB1W ROHM-SMLP36RGB1W Datasheet
818Kb / 4P
The smallest 3 color type LED in the world PICOLED-RGB
SMLP36RGB1W ROHM-SMLP36RGB1W Datasheet
1Mb / 4P
The smallest 3 color type LED in the world
SMLP36RGB1W3A ROHM-SMLP36RGB1W3A Datasheet
818Kb / 4P
The smallest 3 color type LED in the world PICOLED-RGB
SMLP36RGB1W3A ROHM-SMLP36RGB1W3A Datasheet
1Mb / 4P
The smallest 3 color type LED in the world
More results

Similar Description - SMLP36RGB

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
H.FL-LP-A32 HIROSE-H.FL-LP-A32 Datasheet
277Kb / 6P
THE world smallest low-profile coaxial connectors
logo
Rohm
SMLP3 ROHM-SMLP3 Datasheet
818Kb / 4P
The smallest 3 color type LED in the world PICOLED-RGB
SMLP3 ROHM-SMLP3_11 Datasheet
1Mb / 4P
The smallest 3 color type LED in the world
logo
Murata Manufacturing Co...
IRS-B340ST02 MURATA-IRS-B340ST02 Datasheet
1,001Kb / 20P
Smallest and Thinnest in the World! Developing Surface Mount Smallest and Thinnest in the World! Developing Surface Mount
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
The RFPO45 is from the world?셲 smallest and first
logo
Omron Electronics LLC
A165E OMRON-A165E Datasheet
1Mb / 12P
Separate Construction with Smallest Class of Depth in the World
logo
Rohm
SMLP34 ROHM-SMLP34 Datasheet
1Mb / 9P
The smallest class 3 color type LED in the world PICOLEDTM-RGB
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
The Smallest Dimension in the Market
logo
Rohm
SMLP34RGB ROHM-SMLP34RGB Datasheet
384Kb / 11P
The smallest class 3 color type LED in the world PICOLEDTM-RGB
logo
Soshin electric Co., Lt...
NF3000C-SVA SOSHIN-NF3000C-SVA Datasheet
286Kb / 4P
3-phase 3-line 500VAC The smallest footprint in the class
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com