Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISCF1860 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISCF1860
Description  isc Triacs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCF1860 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISCF1860 Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
isc Triacs
ISCF1860
FEATURES
·
With TO-220F package
·
Glass passivated triacs in a plastic envelope, for
use in applications requiring high bidirectional
transient and blocking voltage capability and high
thermal cycling performance.
Typical applications Include motor control,industrial
and domestic lighting, heating and static switching.
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
800
V
VRRM
Repetitive peak off-state voltage
800
V
IT(RMS)
RMS on-state current (full sine wave)
4
A
ITSM
Non-repetitive peak on-state current
25
A
PGM
Peak gate power dissipation
5
W
PG(AV)
Average gate power dissipation
0.5
W
Tj
Operating junction temperature
125
℃
Tstg
Storage temperature
-40~150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM
VR=VRRM, Tj=125℃
0.01
0.5
mA
IDRM
Repetitive peak off-state current
VD=VDRM
VD=VDRM, Tj=125℃
0.01
0.5
mA
IGT
Gate trigger current
Ⅰ
VD=12V; IT= 0.1A
35
mA
Ⅱ
35
Ⅲ
35
Ⅳ
70
VTM
On-state voltage
IT= 5A
1.7
V
IH
Holding current
IGT= 0.1A, VD= 12V
15
mA
VGT
Gate trigger voltage
VD=12V; IT=0.1A; all quadrant
1.5
V


Similar Part No. - ISCF1860

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCF18110 ISC-ISCF18110 Datasheet
292Kb / 2P
isc Silicon NPN Power Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18132 ISC-ISCF18132 Datasheet
297Kb / 2P
isc Silicon NPN Power Transistor
ISCF18136 ISC-ISCF18136 Datasheet
282Kb / 2P
Silicon NPN Power Transistor
ISCF1833 ISC-ISCF1833 Datasheet
390Kb / 2P
isc P-Channel MOSFET Transistor
More results

Similar Description - ISCF1860

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com