Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G34DBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G34DBVT
Description  Dual Buffer Gate
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G34DBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LVC2G34DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC2G34DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC2G34DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC2G34DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC2G34DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC2G34DBVT Datasheet HTML 10Page - Texas Instruments SN74LVC2G34DBVT Datasheet HTML 11Page - Texas Instruments SN74LVC2G34DBVT Datasheet HTML 12Page - Texas Instruments SN74LVC2G34DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
SN74LVC2G34
SN74LVC2G34
Buffer Function
Basic LED Driver
VCC
VCC
Microcontroller or
Logic
Microcontroller or
Logic
Microcontroller or
Logic
SN74LVC2G34
www.ti.com
SCES359J – AUGUST 2001 – REVISED OCTOBER 2015
9 Application and Implementation
9.1 Application Information
The SN74LVC2G34 is a high-drive CMOS device that can be used as a buffer with a high output drive, such as
an LED application. It can produce 24 mA of drive current at 3.3 V, making it ideal for driving multiple outputs
and good for high-speed applications up to 100 MHz. The inputs are 5.5-V tolerant allowing it to translate down
to VCC.
9.2 Typical Application
Figure 3. Typical Application
9.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Take care to avoid bus contention because it
can drive currents that would exceed maximum limits. The high drive will also create fast edges into light loads
so routing and load conditions must be considered to prevent ringing.
9.2.2 Detailed Design Procedure
1. Recommended Input Conditions
–
Rise time and fall time specs. See (
Δt/ΔV) in the Recommended Operating Conditions table.
–
Specified high and low levels. See (VIH and VIL) in the Recommended Operating Conditions table.
–
Inputs are overvoltage tolerant allowing them to go as high as (VI max) in the Recommended Operating
Conditions table at any valid VCC.
2. Recommended Output Conditions
–
Load currents must not exceed (IO max) per output and must not exceed (Continuous current through VCC
or GND) total current for the part. These limits are located in the Recommended Operating Conditions
table.
–
Outputs much not be pulled above VCC under normal operating conditions.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74LVC2G34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com