Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB301 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FUSB301
Description  Autonomous USB Type-C Controller with Super Speed Switch Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB301 Datasheet(HTML) 3 Page - ON Semiconductor

  FUSB301 Datasheet HTML 1Page - ON Semiconductor FUSB301 Datasheet HTML 2Page - ON Semiconductor FUSB301 Datasheet HTML 3Page - ON Semiconductor FUSB301 Datasheet HTML 4Page - ON Semiconductor FUSB301 Datasheet HTML 5Page - ON Semiconductor FUSB301 Datasheet HTML 6Page - ON Semiconductor FUSB301 Datasheet HTML 7Page - ON Semiconductor FUSB301 Datasheet HTML 8Page - ON Semiconductor FUSB301 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
FUSB301
www.onsemi.com
3
PIN DESCRIPTIONS
Pin #
Name
Type
Description
USB Type−C Connector Interface
6, 7
CC1, CC2
I/O
Type−C Configuration Channel
8
VBUS
Input
VBUS input pin for attach and detach detection
4
GND
Ground
Ground
Power Interface
5
VDD
Power
Input Supply Voltage
Signal Interface
1
SDA
Input
I2C serial data signal to be connected to the I2C master
2
SCL
Open−Drain
I/O
I2C serial clock signal to be connected to the I2C master
3
ID
Open−Drain
Output
Used to Identify if connected device is Source to Sink. The ID Pin can
be used to interface with USB 2.0 Input on the processor.
9
SS_SW
CMOS Output
External Super Speed Switch control without processor interrupt.
10
INT_N
Open−Drain
Output
Active Low open drain interrupt output used to prompt processor to
read I2C register bits.
Dead Battery
If power is not applied to FUSB301 and it is attached to
a Source device, then the Source would pull up the CC line
connected through the cable. The FUSB301 in response
would turn on the pull−down that will bring the CC voltage
to a range that the Source can detect an attach and turn on
VBUS.
Power Up, Initialization and Reset, Interrupt Operation
When power is first applied, the FUSB301 will power up
in Sink mode with all interrupts masked. The local processor
must configure the FUSB301 to the desired mode and clear
the global interrupt mask bit, INT_MASK. The INT_N pin
is an active low, open drain output. This pin indicates to the
host processor that an interrupt has occurred in the
FUSB301 which needs attention. The INT_N pin is in a high
impedance state by default after power−up or device reset,
and the global interrupt mask (INT_MASK in Control
register) is set. After INT_MASK bit is cleared by the local
processor, the INT_N pin stays high impedance in
preparation of future interrupts. When an interruptible event
occurs, INT_N is driven LOW and is in a high impedance
state again when the processor clears the interrupt by reading
the interrupt registers. Subsequent to the initial power up or
reset; if the processor writes a “1” to global interrupt mask
bit when the system is already powered up, the INT_N pin
stays in a high impedance state and ignores all interrupts
until the global interrupt mask bit is cleared. If an event
happens that would ordinarily cause an interrupt when the
global interrupt mask bit is set, the INT_N pin goes LOW
when the global interrupt mask is cleared.
SuperSpeed Switch Control
For applications that require a SuperSpeed USB switch
(USB3.1 Gen 1), the SS_SW pin will autonomously control
the USB switch, such as the FUSB340TMX, without
interrupting the processor.
Table 1. SUPERSPEED SWITCH TRUTH TABLE
CC1
CC2
ORIENT1
ORIENT0
SS_SW
Not Connected
Not Connected
0
0
Low
Connected to CC
0
1
Low
Connected to CC
1
0
High
Not Connected
Not Connected
1
1
Low
Table 2. ID PIN TRUTH TABLE
TYPE Register (h12, bit 4)
Description
ID
SINK = b0
SINK Not Detected
Hi−Z (default)
SINK = b1
SINK Detected
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com