Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302MPX. Datasheet(PDF) 26 Page - ON Semiconductor

Part # FUSB302MPX.
Description  Programmable USB Type-C Controller w/PD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302MPX. Datasheet(HTML) 26 Page - ON Semiconductor

Back Button FUSB302MPX. Datasheet HTML 22Page - ON Semiconductor FUSB302MPX. Datasheet HTML 23Page - ON Semiconductor FUSB302MPX. Datasheet HTML 24Page - ON Semiconductor FUSB302MPX. Datasheet HTML 25Page - ON Semiconductor FUSB302MPX. Datasheet HTML 26Page - ON Semiconductor FUSB302MPX. Datasheet HTML 27Page - ON Semiconductor FUSB302MPX. Datasheet HTML 28Page - ON Semiconductor FUSB302MPX. Datasheet HTML 29Page - ON Semiconductor FUSB302MPX. Datasheet HTML 30Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB302
• Rev. 2
26
www.onsemi.com
Table 21. Status0a
Address: 3Ch
Reset Value: 0x0000_0000
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Description
7:6
Reserved
N/A
2
Do Not Use
5
SOFTFAIL
R
1
1: All soft reset packets with retries have failed to get a
GoodCRC acknowledge. This status is cleared when a
START_TX, TXON or SEND_HARD_RESET is executed.
4
RETRYFAIL
R
1
1: All packet retries have failed to get a GoodCRC
acknowledge. This status is cleared when a START_TX,
TXON or SEND_HARD_RESET is executed.
3:2
POWER3:POWER2
R
2
Internal power state when logic internals needs to control the
power state. POWER3 corresponds to PWR3 bit and
POWER2 corresponds to PWR2 bit. The power state is the
higher of both PWR[3:0] and {POWER3, POWER2, PWR[1:0]}
so that if one is 03 and the other is F then the internal power
state is F.
1
SOFTRST
R
1
1: One of the packets received was a soft reset packet
0
HARDRST
R
1
1: Hard Reset PD ordered set has been received
Table 22. Status1a
Address: 3Dh
Reset Value: 0x0000_0000
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Description
7:6
Reserved
N/A
2
Do Not Use
5:3
TOGSS3: TOGSS2:
TOGSS1
R
3
000: Toggle logic running (processor has previously written
TOGGLE=1)
001: Toggle functionality has settled to SRCon CC1
(STOP_SRC1 state)
010: Toggle functionality has settled to SRCon CC2
(STOP_SRC2 state)
101: Toggle functionality has settled to SNKon CC1
(STOP_SNK1 state)
110: Toggle functionality has settled to SNKon CC2
(STOP_SNK2 state)
111: Toggle functionality has detected AudioAccessory with
vRa on both CC1 and CC2 (settles to STOP_SRC1 state)
Otherwise: Not defined (do not interpret)
2
RXSOP2DB
R
1
1: Indicates the last packet placed in the RxFIFO is type
SOP”_DEBUG (SOP double prime debug).
1
RXSOP1DB
R
1
1: Indicates the last packet placed in the RxFIFO is type
SOP’_DEBUG (SOP prime debug).
0
RXSOP
R
1
1: Indicates the last packet placed in the RxFIFO is type SOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com